Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9993 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9993
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9993 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9993 Datasheet HTML 2Page - Renesas Technology Corp MPC9993 Datasheet HTML 3Page - Renesas Technology Corp MPC9993 Datasheet HTML 4Page - Renesas Technology Corp MPC9993 Datasheet HTML 5Page - Renesas Technology Corp MPC9993 Datasheet HTML 6Page - Renesas Technology Corp MPC9993 Datasheet HTML 7Page - Renesas Technology Corp MPC9993 Datasheet HTML 8Page - Renesas Technology Corp MPC9993 Datasheet HTML 9Page - Renesas Technology Corp MPC9993 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC9993 REVISION 3 JANUARY 23, 2013
6
©2013 Integrated Device Technology, Inc.
MPC9993 Data Sheet
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS) PLL CLOCK DRIVER
APPLICATIONS INFORMATION
The MPC9993 is a dual clock PLL with on-chip Intelligent
Dynamic Clock Switch (IDCS) circuitry.
Definitions
primary clock: The input CLK selected by Sel_Clk.
secondary clock: The input CLK NOT selected by
Sel_Clk.
PLL reference signal: The CLK selected as the PLL
reference signal by Sel_Clk or IDCS. (IDCS can override
Sel_Clk).
Status Functions
Clk_Selected: Clk_Selected (L) indicates CLK0 is
selected as the PLL reference signal. Clk_Selected (H)
indicates CLK1 is selected as the PLL reference signal.
INP_BAD: Latched (H) when it's CLK is stuck (H) or (L) for
at least one Ext_FB period (Pos to Pos or Neg to Neg).
Cleared (L) on assertion of Alarm_Reset.
Control Functions
Sel_Clk: Sel_Clk (L) selects CLK0 as the primary clock.
Sel_Clk (H) selects CLK1 as the primary clock.
Alarm_Reset: Asserted by a negative edge. Generates a
one-shot reset pulse that clears INPUT_BAD latches and
Clk_Selected latch.
PLL_En: While (L), the PLL reference signal is substituted
for the VCO output.
MR: While (L), internal dividers are held in reset which
holds all Q outputs LOW.
Man Override (H)
(IDCS is disabled, PLL functions normally). PLL reference
signal (as indicated by Clk_Selected) will always be the CLK
selected by Sel_Clk. The status function INP_BAD is active
in Man Override (H) and (L).
Man Override (L)
(IDCS is enabled, PLL functions enhanced). The first CLK
to fail will latch it's INP_BAD (H) status flag and select the
other input as the Clk_Selected for the PLL reference clock.
Once latched, the Clk_Selected and INP_BAD remain
latched until assertion of Alarm_Reset which clears all
latches (INP_BADs are cleared and Clk_Selected = Sel_Clk).
NOTE: If both CLKs are bad when Alarm_Reset is asserted,
both INP_BADs will be latched (H) after one Ext_FB period
and Clk_Selected will be latched (L) indicating CLK0 is the
PLL reference signal. While neither INP_BAD is latched (H),
the Clk_Selected can be freely changed with Sel_Clk.
Whenever a CLK switch occurs, (manually or by IDCS),
following the next negative edge of the newly selected PLL
reference signal, the next positive edge pair of Ext_FB and
the newly selected PLL reference signal will slew to
alignment.
To calculate the overall uncertainty between the input
CLKs and the outputs from multiple MPC9993's, the following
procedure should be used. Assuming that the input CLKs to
all MPC9993's are exactly in phase, the total uncertainty will
be the sum of the static phase offset, max I/O jitter, and output
to output skew.
During a dynamic switch, the output phase between two
devices may be increased for a short period of time. If the two
input CLKs are 400 ps out of phase, a dynamic switch of an
MPC9993 will result in an instantaneous phase change of
400 ps to the PLL reference signal without a corresponding
change in the output phase (due to the limited response of
the PLL). As a result, the I/O phase of a device, undergoing
this switch, will initially be 400 ps and diminish as the PLL
slews to its new phase alignment. This transient timing issue
should be considered when analyzing the overall skew
budget of a system.
Hot insertion and withdrawal
In PECL applications, a powered up driver will experience
a low impedance path through an MPC9993 input to its
powered down VCC pins. In this case, a 100 ohm series
resistance should be used in front of the input pins to limit the
driver current. The resistor will have minimal impact on the
rise and fall times of the input signals.
Acquiring Frequency Lock
1.
While the MPC9993 is receiving a valid CLK signal,
assert Man_Override HIGH.
2.
The PLL will phase and frequency lock within the
specified lock time.
3.
Apply a HIGH to LOW transition to Alarm_Reset to reset
Input Bad flags.
4.
De-assert Man_Override LOW to enable Intelligent
Dynamic Clock Switch mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com