Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9993 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9993
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9993 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9993 Datasheet HTML 1Page - Renesas Technology Corp MPC9993 Datasheet HTML 2Page - Renesas Technology Corp MPC9993 Datasheet HTML 3Page - Renesas Technology Corp MPC9993 Datasheet HTML 4Page - Renesas Technology Corp MPC9993 Datasheet HTML 5Page - Renesas Technology Corp MPC9993 Datasheet HTML 6Page - Renesas Technology Corp MPC9993 Datasheet HTML 7Page - Renesas Technology Corp MPC9993 Datasheet HTML 8Page - Renesas Technology Corp MPC9993 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9993 REVISION 3 JANUARY 23, 2013
2
©2013 Integrated Device Technology, Inc.
MPC9993 Data Sheet
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS) PLL CLOCK DRIVER
Figure 2. 32-Lead Pinout (Top View)
Table 1. Pin Descriptions
Pin Name
I/O
Pin Definition
CLK0, CLK0
CLK1, CLK1
LVPECL Input
LVPECL Input
Differential PLL clock reference (CLK0 pulldown, CLK0 pullup)
Differential PLL clock reference (CLK1 pulldown, CLK1 pullup)
Ext_FB, Ext_FB
LVPECL Input
Differential PLL feedback clock (Ext_FB pulldown, Ext_FB pullup)
Qa0:1, Qa0:1
LVPECL Output
Differential 1x output pairs
Qb0:2, Qb0:2
LVPECL Output
Differential 2x output pairs
Inp0bad
LVCMOS Output Indicates detection of a bad input reference clock 0 with respect to the feedback signal. The output is
active HIGH and will remain HIGH until the alarm reset is asserted
Inp1bad
LVCMOS Output Indicates detection of a bad input reference clock 1 with respect to the feedback signal. The output is
active HIGH and will remain HIGH until the alarm reset is asserted
Clk_Selected
LVCMOS Output ‘0' if clock 0 is selected, ‘1' if clock 1 is selected
Alarm_Reset
LVCMOS Input
‘0' will reset the input bad flags and align Clk_Selected with Sel_Clk. The input is “one-shotted”
(50 k
 pullup)
Sel_Clk
LVCMOS Input
‘0' selects CLK0, ‘1' selects CLK1 (50 k
 pulldown)
Manual_Override
LVCMOS Input
‘1' disables internal clock switch circuitry (50 k
 pulldown)
PLL_En
LVCMOS Input
‘0' bypasses selected input reference around the phase-locked loop (50 k
 pullup)
MR
LVCMOS Input
‘0' resets the internal dividers forcing Q outputs LOW. Asynchronous to the clock (50 k
 pullup)
VCCA
Power Supply
PLL power supply
VCC
Power Supply
Digital power supply
GNDA
Power Supply
PLL ground
GND
Power Supply
Digital ground
Qa1
Qa1
Qa0
Qa0
VCC
VCC_PLL
Man_Override
VCC
Inp0bad
Inp1bad
Clk_Selected
GND
Ext_FB
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9993
PLL_EN
Ext_FB
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com