Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21H Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS21H
Description  Single high-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21H Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS21H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAS21H
©
Nexperia B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3
November 2006
3 of 10
Nexperia
BAS21H
Single high-voltage switching diode
5.
Limiting values
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
Tj =25 °C prior to surge.
[3]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Soldering point of cathode tab.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
250
V
VR
reverse voltage
-
200
V
IF
forward current
[1] -
200
mA
IFRM
repetitive peak forward
current
tp = 1 ms;
δ = 0.25
-
625
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp =1 µs-
9
A
tp = 100 µs-
3
A
tp =10ms
-
1.7
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -
375
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
330
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[3] -
-
70
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com