Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21H Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS21H
Description  Single high-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21H Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS21H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Single high-voltage switching diode, encapsulated in a SOD123F small and flat lead
Surface-Mounted Device (SMD) plastic package.
1.2 Features
I Small and flat lead SMD plastic package
I Reverse voltage: VR ≤ 200 V
1.3 Applications
I General-purpose switching
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 30 mA to IR = 30 mA; RL = 100 Ω; measured at IR = 3 mA.
BAS21H
Single high-voltage switching diode
Rev. 02 — 3
November 2006
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] -
-
200
mA
VR
reverse voltage
-
-
200
V
trr
reverse recovery time
[2] --50
ns


Similar Part No. - BAS21H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
Weitron Technology
BAS21H WEITRON-BAS21H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
SeCoS Halbleitertechnol...
BAS21H SECOS-BAS21H Datasheet
136Kb / 2P
Surface Mount Switching Diode
logo
Shenzhen Luguang Electr...
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
More results

Similar Description - BAS21H

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
logo
Nexperia B.V. All right...
BAS521 NEXPERIA-BAS521 Datasheet
194Kb / 11P
Single high-voltage switching diode
29 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com