Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21H Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS21H
Description  Single high-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21H Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS21H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAS21H
©
Nexperia B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3
November 2006
4 of 10
Nexperia
BAS21H
Single high-voltage switching diode
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 30 mA to IR = 30 mA; RL = 100 Ω; measured at IR = 3 mA.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA
[1] --
1
V
IF = 200 mA
[1] -
-
1.25
V
IR
reverse current
VR = 200 V
-
-
100
nA
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR =0V; f=1MHz
-
-
5
pF
trr
reverse recovery time
[2] -
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com