Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS56 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS56
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS56 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS56 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BAS56
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 29 June 2010
3 of 12
Nexperia
BAS56
High-speed double diode
5.
Limiting values
[1] Series connection.
[2] Device mounted on an FR4 PCB.
[3] Single diode loaded.
[4] Double diode loaded.
[5] Tj =25 °C prior to surge.
6.
Thermal characteristics
[1] Device mounted on an FR4 PCB.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-60
V
[1] -120
V
VR
reverse voltage
-
60
V
[1] -120
V
IF
forward current
[2][3] -200
mA
[2][4] -150
mA
IFRM
repetitive peak forward
current
[3] -600
mA
[4] -430
mA
IFSM
non-repetitive peak forward
current
square wave
[5]
tp =1 μs-
9
A
tp = 100 μs-
3
A
tp =10ms
-
1.7
A
Ptot
total power dissipation
Tamb =25 °C
[2] -250
mW
Tj
junction temperature
-
150
°
C
Tstg
storage temperature
−
65
+150
°
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
-
-
360
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com