Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS56 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS56
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS56 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS56 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Two high-speed switching diodes fabricated in planar technology, and encapsulated in a
small SOT143B Surface-Mounted Device (SMD) plastic package. The diodes are not
connected.
1.2 Features and benefits
High switching speed: trr ≤ 6ns
Reverse voltage: VR ≤ 60 V
Repetitive peak reverse voltage: VRRM ≤ 60 V
Repetitive peak forward current: IFRM ≤ 600 mA
AEC-Q101 qualified
Small SMD plastic package
1.3 Applications
High-speed switching in e.g. surface-mounted circuits
1.4 Quick reference data
[1] Single diode loaded.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB).
[3] When switched from IF = 400 mA to IR = 400 mA; RL = 100 Ω; measured at IR =40 mA.
BAS56
High-speed double diode
Rev. 3 — 29 June 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1][2] --
200
mA
IR
reverse current
VR =60V
-
-
100
nA
VR
reverse voltage
-
-
60
V
trr
reverse recovery time
[3] --
6
ns


Similar Part No. - BAS56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS56 PHILIPS-BAS56 Datasheet
38Kb / 8P
High-speed double diode
1996 Sep 10
logo
Central Semiconductor C...
BAS56 CENTRAL-BAS56 Datasheet
93Kb / 2P
DUAL HIGH CURRENT SWITCHING DIODE
logo
Guangdong Kexin Industr...
BAS56 KEXIN-BAS56 Datasheet
40Kb / 2P
High-Speed Double Diode
logo
NXP Semiconductors
BAS56 NXP-BAS56 Datasheet
136Kb / 10P
High-speed double diode
1996 Sep 10
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
More results

Similar Description - BAS56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com