Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS56 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS56
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS56 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS56 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BAS56
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 29 June 2010
4 of 12
Nexperia
BAS56
High-speed double diode
7.
Characteristics
[1] Tamb =25 °C; device has reached the thermal equilibrium when mounted on an FR4 PCB.
[2] Series connection.
[3] When switched from IF = 400 mA to IR = 400 mA; RL = 100 Ω; measured at IR =40 mA.
[4] When switched from IF = 400 mA; tr =30ns.
[5] When switched from IF = 400 mA; tr = 100 ns.
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =200 mA
[1] --1
V
IR
reverse current
VR = 60 V
-
-
100
nA
VR =60V;Tj =150 °C
-
-
100
μ
A
VR =120 V
[2] -
-
100
nA
VR =120 V; Tj = 150 °C
[2] -
-
100
μ
A
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--2.5
pF
trr
reverse recovery time
[3] --6
ns
VFR
forward recovery voltage
[4] --2
V
[5] --1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com