Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV45 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV45
Description  Picoampere diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV45 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV45 Datasheet HTML 1Page - NXP Semiconductors BAV45 Datasheet HTML 2Page - NXP Semiconductors BAV45 Datasheet HTML 3Page - NXP Semiconductors BAV45 Datasheet HTML 4Page - NXP Semiconductors BAV45 Datasheet HTML 5Page - NXP Semiconductors BAV45 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1996 Mar 13
2
Philips Semiconductors
Product specification
Picoampere diode
BAV45
FEATURES
• Extremely low leakage current:
max. 5 pA
• Low diode capacitance
• Light insensitive.
APPLICATION
• Clamping
• Holding
• Peak follower
• Time delay circuits
• Logarithmic amplifiers
• Protection of insulated gate
field-effect transistors.
DESCRIPTION
Silicon diode in a metal TO-18 can. It has an extremely low leakage current over
a wide temperature range combined with a low capacitance and is not sensitive
to light.
CAUTION
Handle the device with care whilst soldering into the circuit. The extremely
low leakage current can only be guaranteed when the bottom is free from
solder flux or other contaminations.
Fig.1
Simplified outline (SOT18/15; TO-18 except for the two leads)
and symbol.
k
MAM207
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
35
V
VR
continuous reverse voltage
−
20
V
IF
continuous forward current
see Fig.2
−
50
mA
IFRM
repetitive peak forward current
−
100
mA
Ptot
total power dissipation
Tamb =25 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+125
°C
Tj
junction temperature
−
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com