Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV45 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV45
Description  Picoampere diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV45 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV45 Datasheet HTML 1Page - NXP Semiconductors BAV45 Datasheet HTML 2Page - NXP Semiconductors BAV45 Datasheet HTML 3Page - NXP Semiconductors BAV45 Datasheet HTML 4Page - NXP Semiconductors BAV45 Datasheet HTML 5Page - NXP Semiconductors BAV45 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1996 Mar 13
3
Philips Semiconductors
Product specification
Picoampere diode
BAV45
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Figs 3 and 4
1
V
IR
reverse current
see Fig.5
VR =5V
5
pA
VR =5V; Tj =80 °C
250
pA
VR = 20 V
10
pA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
1.3
pF
trr
reverse recovery time
when switched from IF = 10 mA to IR = 10 mA;
RL = 100 Ω; measured at IR = 1 mA; see Fig.7
600
ns
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 1
500
K/W
GRAPHICAL DATA
Fig.2
Maximum permissible continuous forward
current as a function of ambient
temperature.
handbook, halfpage
0
100
50
IF
(mA)
150
100
0
50
MBG530
Tamb (
oC)
Tj =25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
0
1.0
0.5
1.5
100
80
0
20
60
40
MBG528
VF (V)
IF
(mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com