Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV45 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAV45
Description  Picoampere diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV45 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAV45 Datasheet HTML 1Page - NXP Semiconductors BAV45 Datasheet HTML 2Page - NXP Semiconductors BAV45 Datasheet HTML 3Page - NXP Semiconductors BAV45 Datasheet HTML 4Page - NXP Semiconductors BAV45 Datasheet HTML 5Page - NXP Semiconductors BAV45 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1996 Mar 13
4
Philips Semiconductors
Product specification
Picoampere diode
BAV45
Tj =25 °C.
Fig.4
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
10−1
1
10
102
103
104
105
106
107
108
109
1010
1.00
VF (V)
0.75
0.25
0
MBG527
0.50
IF
(pA)
(1) VR = 20 V; maximum values.
(2) VR = 5 V; maximum values.
(3) VR = 20 V; typical values.
(4) VR = 5 V; typical values.
Fig.5
Reverse current as a function of junction
temperature.
handbook, halfpage
104
103
102
10
1
150
50
0
IR
(pA)
MBG529
100
Tj (
oC)
(1)
(2) (3)
(4)
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1.0
0.7
0.9
Cd
(pF)
10−1
110
VR (V)
102
MBG531
0.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com