Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFE150DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # JFE150DBVT
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVT Datasheet(HTML) 4 Page - Texas Instruments

  JFE150DBVT Datasheet HTML 1Page - Texas Instruments JFE150DBVT Datasheet HTML 2Page - Texas Instruments JFE150DBVT Datasheet HTML 3Page - Texas Instruments JFE150DBVT Datasheet HTML 4Page - Texas Instruments JFE150DBVT Datasheet HTML 5Page - Texas Instruments JFE150DBVT Datasheet HTML 6Page - Texas Instruments JFE150DBVT Datasheet HTML 7Page - Texas Instruments JFE150DBVT Datasheet HTML 8Page - Texas Instruments JFE150DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDS
Drain-to-source voltage
–40
40
V
VGS, VGD
Gate-to-source, gate-to-drain voltage
–40
0.9
V
VVCH
Voltage between VCH to D, G, or S
40
V
VVCL
Voltage between VCL to D, G, or S
–40
IVCL, IVCH
Clamp diode current
DC
20
mA
50-ms pulse(2)
200
IDS
Drain-to-source current
–50
50
mA
IGS, IGD
Gate-to-source, gate-to-drain current
–20
20
mA
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–55
175
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Maximum diode current pulse specified for 50 ms at 1% duty cycle.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002((2))
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IDS
Drain-to-source current
0.02
IDSS
mA
VGS
Gate-to-source voltage
0
–1.2
V
TA
Specified temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
JFE150
UNIT
DCK (SC70)
DBV (SOT-23)
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
197.1
183.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.7
83.2
°C/W
RθJB
Junction-to-board thermal resistance
44.8
51.7
°C/W
ψJT
Junction-to-top characterization parameter
16.7
24.9
°C/W
ψJB
Junction-to-board characterization parameter
44.6
51.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com