Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFE150DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # JFE150DBVT
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button JFE150DBVT Datasheet HTML 9Page - Texas Instruments JFE150DBVT Datasheet HTML 10Page - Texas Instruments JFE150DBVT Datasheet HTML 11Page - Texas Instruments JFE150DBVT Datasheet HTML 12Page - Texas Instruments JFE150DBVT Datasheet HTML 13Page - Texas Instruments JFE150DBVT Datasheet HTML 14Page - Texas Instruments JFE150DBVT Datasheet HTML 15Page - Texas Instruments JFE150DBVT Datasheet HTML 16Page - Texas Instruments JFE150DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
The bias current varies according to the resistor and threshold voltage tolerances. Additionally, thermal noise
associated with RS couples directly into the gain of the circuit, degrading the overall noise performance. To
improve the circuit in Figure 9-4, use a current-source biasing scheme. Current-source biasing removes the
JFET threshold variation from the biasing scheme, and allows for lower-value filtering capacitance (CS) for
equivalent filtering due to the high output impedance of current sources.
V
+
JFE150
V
IN
R
D
+
±
+
±
+
±
RG
VOUT
CS
CS
I
BIAS
V
±
Figure 9-4. Common-Source Amplifier With Current-Source Biasing
9.1.4 Composite Amplifiers
The JFE150 can be configured to provide a low-noise, high-input impedance front-end stage for a typical op
amp. Open-loop transistor gain stages shown previously suffer from wide gain variations that are dependent
on the forward transcondutance of the JFE150. When precision gain is required, the composite amplifier (JFET
front-end + operational amplifier) achieves excellent results by allowing for a fixed gain determined by external
resistors, and improving the noise and bandwidth of the operational amplifier. The JFE150 gain stage provides
a boost to the open-loop performance of the system, extending the bandwidth beyond what the operational
amplifier alone can provide, and gives a high-input impedance, ultra-low noise input stage to interface with high
source impedance microphones.
Figure 9-5 shows a generic schematic representation of a current-feedback composite amplifier. The component
requirements and tradeoffs are listed in Table 9-1.
VDD
JFE150
V
IN
RD
R
S
+
±
+
±
+
±
CS
CS
+
±
+
±
+
±
RS2
RS2
OPA
R
G
VOUT
C
F
C
F
CD
CD
VBIASO
C
B
C
B
R
B
Figure 9-5. Low Noise, High Input Impedance Composite Amplifier
www.ti.com
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com