Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFE150DBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # JFE150DBVT
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVT Datasheet(HTML) 2 Page - Texas Instruments

  JFE150DBVT Datasheet HTML 1Page - Texas Instruments JFE150DBVT Datasheet HTML 2Page - Texas Instruments JFE150DBVT Datasheet HTML 3Page - Texas Instruments JFE150DBVT Datasheet HTML 4Page - Texas Instruments JFE150DBVT Datasheet HTML 5Page - Texas Instruments JFE150DBVT Datasheet HTML 6Page - Texas Instruments JFE150DBVT Datasheet HTML 7Page - Texas Instruments JFE150DBVT Datasheet HTML 8Page - Texas Instruments JFE150DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 6
7 Parameter Measurement Information............................ 8
7.1 AC Measurement Configurations................................8
8 Detailed Description........................................................9
8.1 Overview..................................................................... 9
8.2 Functional Block Diagram........................................... 9
8.3 Feature Description.....................................................9
8.4 Device Functional Modes..........................................10
9 Application and Implementation.................................. 11
9.1 Application Information..............................................11
9.2 Typical Application.................................................... 14
9.3 Power Supply Recommendations.............................16
9.4 Layout....................................................................... 16
10 Device and Documentation Support..........................17
10.1 Device Support....................................................... 17
10.2 Documentation Support.......................................... 18
10.3 Receiving Notification of Documentation Updates..18
10.4 Support Resources................................................. 18
10.5 Trademarks.............................................................18
10.6 Electrostatic Discharge Caution..............................18
10.7 Glossary..................................................................18
11 Mechanical, Packaging, and Orderable
Information.................................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2021) to Revision B (April 2023)
Page
• Changed DBV package (SOT-23, 5) from preview to production data (active) and added associated content. 1
• Changed parameter descriptions from "gate-to-source voltage" to "gate-to-source breakdown voltage" and
from "drain-to-source voltage" to "drain-to-source breakdown voltage" in Device Summary table to match
Electrical Characteristics ................................................................................................................................... 1
• Changed "drain-to-source saturation current" value from 36 mA to 35 mA in Device Summary table to match
Electrical Characteristics ................................................................................................................................... 1
• Changed VCH and VCL pin type and description in Pin Functions to reflect optional nature of diode clamps....
............................................................................................................................................................................3
• Changed Figure 6-2, Drain-to-Source Current vs Drain-to-Source Voltage, to show correct VGS values.......... 6
• Changed Figure 8-1, VDS vs IDS, to show correct VGS values and improve image resolution.......................... 10
• Added JFE150EVM user's guide and JFE150 Ultra-Low-Noise Pre-Amp application note to Related
Documentation .................................................................................................................................................18
Changes from Revision * (June 2021) to Revision A (November 2021)
Page
• Changed VGS minimum from –1.1 V to –1.3 V (100 µA), –0.9 V to –1.1 V (2 mA) ............................................5
• Changed Figure 6-3, Drain-to-Source Current vs Drain-to-Source Voltage, to show correct VGS values.......... 6
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com