Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5643P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X5643P Datasheet HTML 9Page - Renesas Technology Corp X5643P Datasheet HTML 10Page - Renesas Technology Corp X5643P Datasheet HTML 11Page - Renesas Technology Corp X5643P Datasheet HTML 12Page - Renesas Technology Corp X5643P Datasheet HTML 13Page - Renesas Technology Corp X5643P Datasheet HTML 14Page - Renesas Technology Corp X5643P Datasheet HTML 15Page - Renesas Technology Corp X5643P Datasheet HTML 16Page - Renesas Technology Corp X5643P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 13 of 19
July 18, 2005
Power-Up and Power-Down Timing
RESET Output Timing
Note:
(5) This parameter is periodically sampled and not 100% tested.
CS/WDI vs. RESET/RESET Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTRIP
Reset trip point voltage, X5643-4.5A, X5643-4.5A
Reset trip point voltage, X5643, X5645
Reset trip point voltage, X5643-2.7A, X5645-2.7A
Reset trip point voltage, X5643-2.7, X5645-2.7
4.5
4.25
2.85
2.55
4.63
4.38
2.93
2.63
4.75
4.5
3.0
2.7
V
VTH
VTRIP hysteresis (HIGH to LOW vs. LOW to HIGH VTRIP voltage)
20
mV
tPURST
Power-up reset time out
100
200
280
ms
tRPD(5)
VCC detect to reset/output
500
ns
tF(5)
VCC fall time
100
µs
tR(5)
VCC rise time
100
µs
VRVALID
Reset valid VCC
1V
RESET (X5643)
RESET (X5645)
VCC
tPURST
tPURST
tR
tF
tRPD
0 Volts
VTRIP
VTRIP
CS/WDI
tCST
RESET
tWDO
tRST
RESET
tWDO
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com