Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5643P Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X5643P Datasheet HTML 11Page - Renesas Technology Corp X5643P Datasheet HTML 12Page - Renesas Technology Corp X5643P Datasheet HTML 13Page - Renesas Technology Corp X5643P Datasheet HTML 14Page - Renesas Technology Corp X5643P Datasheet HTML 15Page - Renesas Technology Corp X5643P Datasheet HTML 16Page - Renesas Technology Corp X5643P Datasheet HTML 17Page - Renesas Technology Corp X5643P Datasheet HTML 18Page - Renesas Technology Corp X5643P Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 15 of 19
July 18, 2005
VTRIP Programming Specifications VCC = 1.7-5.5V; Temperature = 0°C to 70°C
Parameter
Description
Min. Max.
Unit
tVPS
SCK VTRIP program voltage setup time
1
µs
tVPH
SCK VTRIP program voltage hold time
1
µs
tP
VTRIP program pulse width
1
µs
tTSU
VTRIP level setup time
10
µs
tTHD
VTRIP level hold (stable) time
10
ms
tWC
VTRIP write cycle time
10
ms
tRP
VTRIP program cycle recovery period (between successive programming cycles)
10
ms
tVPO
SCK VTRIP program voltage off time before next cycle
0
ms
VP
Programming voltage
15
18
V
VTRAN
VTRIP programed voltage range
1.7
5.0
V
Vta1
Initial VTRIP program voltage accuracy (VCC applied-VTRIP) (programmed at 25°C)
-0.1
+0.4
V
Vta2
Subsequent VTRIP Program Voltage accuracy [(VCC applied-Vta1)-VTRIP]
(programmed at 25°C)
-25
+25
mV
Vtr
VTRIP Program Voltage repeatability (successive program operations)
(programmed at 25°C)
-25
+25
mV
Vtv
VTRIP program variation after programming (0-75°C). (programmed at 25°C)
-25
+25
mV
VTRIP programming parameters are periodically sampled and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com