Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5643P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 2 Page - Renesas Technology Corp

  X5643P Datasheet HTML 1Page - Renesas Technology Corp X5643P Datasheet HTML 2Page - Renesas Technology Corp X5643P Datasheet HTML 3Page - Renesas Technology Corp X5643P Datasheet HTML 4Page - Renesas Technology Corp X5643P Datasheet HTML 5Page - Renesas Technology Corp X5643P Datasheet HTML 6Page - Renesas Technology Corp X5643P Datasheet HTML 7Page - Renesas Technology Corp X5643P Datasheet HTML 8Page - Renesas Technology Corp X5643P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 2 of 19
July 18, 2005
PIN CONFIGURATION
8-Lead PDIP
CS/WDI
WP
SO
1
2
3
4
RESET/RESET
8
7
6
5
14-Lead SOIC
SO
WP
1
2
3
4
5
6
7
RESET/RESET
SCK
SI
14
13
12
11
10
9
8
NC
VCC
NC
X5643/45
SCK
SI
CS/WDI
NC
X5643/45
NC
VCC
VSS
CS/WDI
VCC
VSS
Pin
PDIP
Pin
SOIC
Pin TS-
SOP
Name
Function
1
2 & 3
2
CS/WDI
Chip Select Input.
CS HIGH, deselects the device and the SO output pin is at
a high impedance state. Unless a nonvolatile write cycle is underway, the de-
vice will be in the standby power mode. CS LOW enables the device, placing it
in the active power mode. Prior to the start of any operation after power-up, a
HIGH to LOW transition on CS is required.
Watchdog Input.
A HIGH to LOW transition on the WDI pin restarts the watchdog
timer. The absence of a HIGH to LOW transition within the watchdog time out
period results in RESET/RESET going active.
24
3
SO
Serial Output.
SO is a push/pull serial data output pin. A read cycle shifts data out
on this pin. The falling edge of the serial clock (SCK) clocks the data out.
59
13
SI
Serial Input.
SI is a serial data input pin. Input all opcodes, byte addresses, and
memory data on this pin. The rising edge of the serial clock (SCK) latches the input
data. Send all opcodes (Table 1), addresses and data MSB first.
610
14
SCK
Serial Clock.
The serial clock controls the serial bus timing for data input and out-
put. The rising edge of SCK latches in the opcode, address, or data bits present on
the SI pin. The falling edge of SCK changes the data output on the SO pin.
35
7
WP
Write Protect.
The WP pin works in conjunction with a nonvolatile WPEN bit to
“lock” the setting of the watchdog timer control and the memory write protect bits.
46
8
VSS
Ground
8
12 & 13
19
VCC
Supply Voltage
7
11
18
RESET/
RESET
Reset Output
. RESET/RESET is an active LOW/HIGH, open drain output
which goes active whenever VCC falls below the minimum VCC sense level. It
will remain active until VCC rises above the minimum VCC sense level for
200ms. RESET/RESET goes active if the watchdog timer is enabled and CS
remains either HIGH or LOW longer than the selectable watchdog time out pe-
riod. A falling edge of CS will reset the watchdog timer. RESET/RESET goes
active on power-up at about 1V and remains active for 200ms after the power
supply stabilizes.
1, 7, 8,
14
1, 4-6,
9-12,
15-17, 20
NC
No internal connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com