Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1062ASU Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1062ASU
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062ASU Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1062ASU Datasheet HTML 9Page - Analog Devices ADM1062ASU Datasheet HTML 10Page - Analog Devices ADM1062ASU Datasheet HTML 11Page - Analog Devices ADM1062ASU Datasheet HTML 12Page - Analog Devices ADM1062ASU Datasheet HTML 13Page - Analog Devices ADM1062ASU Datasheet HTML 14Page - Analog Devices ADM1062ASU Datasheet HTML 15Page - Analog Devices ADM1062ASU Datasheet HTML 16Page - Analog Devices ADM1062ASU Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Preliminary Technical Data
ADM1062
Rev. PrJ | Page 13 of 32
ADM1062 INPUTS
POWERING THE ADM1062
The ADM1062 is powered from the highest voltage input on
either the Positive Only supply inputs (VPn) or the High
Voltage supply input (VH). The same pins are used for supply
fault detection (discussed below) . A VDD Arbitrator on the
device chooses which supply to use. The arbitrator can be
considered an OR’ing of five LDO’s together. A supply
comparator chooses which of the inputs is highest and selects
this one to provide the on- chip supply. There is minimal
switching loss with this architecture (~0.2V), resulting in the
ability to power the ADM1062 from a supply as low as 3.0V.
Note that the supply on the VXn pins cannot be used to power
the device.
An external cap to GND is required to decouple the on chip
supply from noise. This cap should be connected to the
VDDCAP pin, as shown in Figure 22. The cap has another use
during “brown outs” (momentary loss of power). Under these
conditions, where the input supply, VPn or VH, dips transiently
below VDD, the synchronous rectifier switch immediately turns
off so that it doesn’t pull VDD down. The VDD cap can then act
like a reservoir and keep the device active until the next highest
supply takes over the powering of the device. 10µF is
recommended for this reservoir/decoupling function.
Note that in the case where there are two or more supplies
within 100mV of each other, the supply which takes control of
VDD first will keep control (e.g) if VP1 is connected to a 3.3V
supply, then VDD will power up to approximately 3.1V through
VP1. If VP2 is then connected to another 3.3V supply, VP1 will
still power the device, unless VP2 goes 100mV higher than VP1.
Figure 22. VDD Arbitrator Operation
The ADM1062 has ten programmable inputs. Five of these are
dedicated Supply Fault Detectors (SFD’s). These dedicated
inputs are called VH and VP1-4 by default. The other five inputs
have dual functionality. They can either be used as Supply Fault
Detectors, with similar functionality to VH and VP1-4, or they
can be used as CMOS/TTL compatible logic inputs to the
devices. Thus, the ADM1062 can have up to ten analog inputs, a
minimum of five analog inputs and five digital inputs, or a mix.
Note that if an input is used as an analog input, it cannot be
used as a digital input. Thus, a configuration requiring ten
analog inputs would have no digital inputs available. Table 4
shows the details of each of the inputs.
Table 4. Input Functions, Thresholds and Ranges
Input
Function
Voltage Range
Max Hysteresis
Voltage Resolution
Glitch Filter
VH
High V Analog Input
2.5V to 6V
425mV
13.7mV
0-100µs
4.8V to 14.4V
1.16V
37.6mV
0-100µs
VPn
Positive Analog Input
0.573 to 1.375V
97.5mV
3.14mV
0-100µs
1.25 to 3V
212mV
6.8mV
0-100µs
2.5 to 6V
425mV
13.7mV
0-100µs
VXn
High Z Analog Input
0.573 to 1.375V
97.5mV
3.14mV
0-100µs
Digital Input
0 to 5V
N/A
N/A
0-100µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com