Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1062ASU Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1062ASU
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062ASU Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1062ASU Datasheet HTML 15Page - Analog Devices ADM1062ASU Datasheet HTML 16Page - Analog Devices ADM1062ASU Datasheet HTML 17Page - Analog Devices ADM1062ASU Datasheet HTML 18Page - Analog Devices ADM1062ASU Datasheet HTML 19Page - Analog Devices ADM1062ASU Datasheet HTML 20Page - Analog Devices ADM1062ASU Datasheet HTML 21Page - Analog Devices ADM1062ASU Datasheet HTML 22Page - Analog Devices ADM1062ASU Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Preliminary Technical Data
ADM1062
Rev. PrJ | Page 19 of 32
ADM1062 SEQUENCING ENGINE
The ADM1062 incorporates a Sequencing Engine (SE) which
provides the user with powerful and flexible control of
sequencing. The SE implements a state machine control of the
PDO outputs, with state changes conditional on input events. SE
programs can enable complex control of boards, such as
powerup and power down sequence control, fault event
handling, interrupt generation on warnings etc. A watchdog
function, to verify the continued operation of a processor clock,
can be integrated into the SE program. The SE can also be
controlled via the SMBus, giving software or firmware control
of the board sequencing
Considering the function of the SE from an applications
viewpoint it is most instructive to think of the SE as providing a
“state” for a state machine. This state has the following
attributes:
• it is used to monitor signals indicating the status of the 10
input pins, VP1-4, VH and VX1-VX5
• it can be entered from any other state
• there are three exit routes which move the state machine on
to a “next state”, these are:
1.
End of Step detection
2.
Monitoring fault
3.
Timeout
• delay timers for the End of Step and Timeout blocks above
can be programmed independently and will change with each
state change. The range of timeouts is from 0ms to 400ms
• the output condition of the 10 PDO pins is defined and fixed
within a state
• the transition from one state to the next is made in less than
20µs. This is the time taken to download a state definition
from EEPROM to the SE.
Figure 27. State Cell
The ADM1062 offers up to 63 such state definitions. The signals
being monitored to indicate the status of the input pins are the
outputs of the SFD’s.
WARNINGS
The SE is also monitoring the Warnings. These are generated by
ADC readings violating their limit register value or by the
secondary voltage monitors on VP1-4, VH. These are all OR’ed
together and available as a single “Warnings” input to each of
the three blocks which enable exiting from a state.
SW FLOW-UNCONDITIONAL JUMP
The SE can be forced to advance to the next state
unconditionally. This enables the user to force the SE to
advance. Examples where this might be used include moving to
a margining state or as a method of debugging a sequence. The
SW Flow or Go to command can be seen as another input to
End of Step and Timeout blocks which provide an exit from
each state.
Table 6. Example Sequence States Entries
State
End of Step
Timeout
Monitor
IDLE1
If VX1 is LOW then go to State IDLE2
IDLE2
If VP1 is OK then go to State EN3V3
EN3V3
If VP2 is OK then go to State EN2V5
If VP2 is NOT OK after 10ms then
goto State DIS3V3
If VP1 is NOT OK then goto State IDLE1
DIS3V3
If VX1 is HIGH then go to State IDLE1
EN2V5
If VP3 is OK then go to State PWRGD
If VP3 is NOT OK after 20ms then
goto State DIS2V5
If VP1 OR VP2 is NOT OK then goto State
FSEL2
DIS2V5
If VX1 is HIGH the go to State IDLE1
FSEL1
If VP3 is NOT OK then go to State
DIS2V5
If VP1 OR VP2 is NOT OK then goto State
FSEL2
FSEL2
If VP2 is NOT OK then go to State
DIS3V3
If VP1 is NOT OK then goto State IDLE1
PWRGD
If VX1 is HIGH then go to State DIS2V5
If VP1 OR VP2 OR VP3 is NOT OK then goto
State FSEL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com