Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1062ASU Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1062ASU
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062ASU Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1062ASU Datasheet HTML 17Page - Analog Devices ADM1062ASU Datasheet HTML 18Page - Analog Devices ADM1062ASU Datasheet HTML 19Page - Analog Devices ADM1062ASU Datasheet HTML 20Page - Analog Devices ADM1062ASU Datasheet HTML 21Page - Analog Devices ADM1062ASU Datasheet HTML 22Page - Analog Devices ADM1062ASU Datasheet HTML 23Page - Analog Devices ADM1062ASU Datasheet HTML 24Page - Analog Devices ADM1062ASU Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Preliminary Technical Data
ADM1062
Rev. PrJ | Page 21 of 32
Figure 31. Monitoring Fault Detector
TIMEOUT DETECTOR
This block is included to allow the user to trap a failure to make
proper progress through an up or down sequence.
In the example application we can see the timeout next state
transition being used from the EN3V3 and EN2V5 states. In the
case of the EN3V3 state, the signal 3V3ON is asserted on entry
to this state (on the PDO1 output pin) to turn on a 3.3V supply.
This supply rail is connected to the VP2 pin and the End of Step
detector is looking for the VP2 to go “good” (going above its’ UV
threshold, which will be set on the Supply Fault Detector (SFD)
attached to that pin). Progress forward in the up sequence is
made when this change is detected.
If, however, the supply failed to go “good” – perhaps because of a
short circuit over-loading this supply – then the timeout block
allows this problem to be trapped. In the example shown, if the
3.3V supply does not go good within 10ms then the SE moves
to the DIS3V3 state and turns off this supply by bringing PDO1
low. It also indicates that a fault has occurred by taking PDO3
high. Timeout delays of between 0µs and 400ms can be
programmed.
CLOSED LOOP SUPPLY MARGINING
It is often necessary for the system designer to be able to adjust
supplies, either to optimize their level, or to force them away
from nominal values to characterize the system performance
under these conditions. This is a function typically performed at
In- Circuit Test (ICT), for instance, where the manufacturer
wishes to guarantee that the product under test functions
correctly at, say, nominal supplies −10%. The ADM1062
incorporates all the circuits required to do this, with a 12-bit
successive approximation ADC to read back the level of any of
the supervised voltages, and six voltage output DACs (DAC1–
DAC6) which can be used to adjust supply levels. These circuits
can be used along with some other “intelligence” such as a
microcontroller to implement a closed loop margining system
which will allow any dc-dc supply to be set to any voltage,
accurate to within ±0.5% of the target.
Figure 32. Closed Loop Margining System using ADM1062
The simplest circuit to implement this function is an
attenuation resistor to connect the DACn pin to the feedback
node of a dc-dc converter. When the DACn output voltage is set
equal to the feedback voltage, no current is fed in to this node
and the dc-dc output voltage will not change. Taking DACn
above the feedback voltage forces current into the feedback
node and the output of the dc-dc converter will be forced to fall
to compensate for this. The dc-dc output can be forced high by
setting the DACn output voltage lower than the feedback node
voltage. The series resistor can be split in two and node between
them decoupled with a capacitor to ground. This will help to
decouple any noise picked up from the board. PSRR from
ADM1062 supply to the dac output is greater than 80dB at dc
but decoupling to a ground local to the dc-dc converter is also
recommended.
Then the simplest algorithm to implement closed loop
margining is as follows:
1.
Disable the six DACn outputs.
2.
Set DAC output voltage equal to the voltage on the
feedback node.
3.
Enable the DAC.
4.
Read the voltage at the dc-dc output (which will be
connected to one of the VP1–4,VH or VX1–5 pins).
5.
If necessary, modify the DACn output code up or down to
adjust the dc-dc output voltage, otherwise, stop since target
voltage has been reached.
6.
Set the DAC output voltage to a value which alters the
supply output by the required amount (eg) ±5%.
7.
Repeat from 4.
Steps 1-3 ensure that when the DACn output buffer is turned on
it has very little effect on the dc-dc output. The dac output
buffer has been designed to power up without glitching. It does



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com