Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BAS28
Description  DUAL SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS28 Datasheet(HTML) 4 Page - Diodes Incorporated

  BAS28 Datasheet HTML 1Page - Diodes Incorporated BAS28 Datasheet HTML 2Page - Diodes Incorporated BAS28 Datasheet HTML 3Page - Diodes Incorporated BAS28 Datasheet HTML 4Page - Diodes Incorporated BAS28 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAS28
Document number: DS37988 Rev. 2 - 2
4 of 5
www.diodes.com
May 2016
© Diodes Incorporated
BAS28
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT143
M
L
K
J
H
D
A2
C
A1
G
B
F
a
0.25
SEATING PLANE
GAUGE PLANE
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT143
SOT143
Dim
Min
Max
Typ
A1
0.37
0.51
0.400
A2
0.77
0.93
0.800
B
1.20
1.40
1.30
C
2.28
2.48
2.38
D
1.58
1.83
1.72
F
0.45
0.60
0.49
G
1.78
2.03
1.92
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.89
1.00
–
L
0.46
0.60
0.50
M
0.085
0.18
0.11
a
0°
8°
–
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.70
G
1.30
X
2.50
X1
1.00
X2
0.60
Y
0.70
C
2.00
X1
X2
G
Z
Y
C
X
X2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com