Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS28
Description  DUAL SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS28 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS28 Datasheet HTML 1Page - Diodes Incorporated BAS28 Datasheet HTML 2Page - Diodes Incorporated BAS28 Datasheet HTML 3Page - Diodes Incorporated BAS28 Datasheet HTML 4Page - Diodes Incorporated BAS28 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS28
Document number: DS37988 Rev. 2 - 2
2 of 5
www.diodes.com
May 2016
© Diodes Incorporated
BAS28
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Current (Note 5)
IF
215
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
@ t = 1s
IFSM
4.0
1.0
0.5
A
Repetitive Peak Forward Current (Note 5)
IFRM
500
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
85
V
IR = 100µA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 6)
IR

1.0
50
30
30
µA
µA
µA

nA
VR = 75V
VR = 75V, TJ = +150°C
VR = 25V, TJ = +150°C
VR = 25V
Total Capacitance
CT
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
tRR
4
ns
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com