Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS28
Description  DUAL SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS28 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS28 Datasheet HTML 1Page - Diodes Incorporated BAS28 Datasheet HTML 2Page - Diodes Incorporated BAS28 Datasheet HTML 3Page - Diodes Incorporated BAS28 Datasheet HTML 4Page - Diodes Incorporated BAS28 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS28
Document number: DS37988 Rev. 2 - 2
1 of 5
www.diodes.com
May 2016
© Diodes Incorporated
BAS28
DUAL SURFACE MOUNT FAST SWITCHING DIODE
Features
Fast Switching Speed
For General Purpose Switching Applications
Two Electrically Isolated Elements in a Single Compact Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT143
Case Material: Molded Pl
astic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Alloy 42 Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram Below
Weight: 0.009 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAS28-7
AEC-Q101
SOT143
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorpor
ated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
Code
C
D
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Device Schematic
KT7 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)
SOT143
SOT143


Similar Part No. - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS28 PHILIPS-BAS28 Datasheet
35Kb / 7P
High-speed double diode
1996 Sep 10
logo
Siemens Semiconductor G...
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Infineon Technologies A...
BAS28 INFINEON-BAS28 Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
More results

Similar Description - BAS28

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Shenzhen Luguang Electr...
DAN202 LUGUANG-DAN202 Datasheet
224Kb / 2P
Dual Surface Mount Fast Switching Diode
DAP202 LUGUANG-DAP202 Datasheet
229Kb / 2P
Dual Surface Mount Fast Switching Diode
DAN202 LUGUANG-DAN202_V01 Datasheet
1Mb / 2P
Dual Surface Mount Fast Switching Diode
DAP202 LUGUANG-DAP202_V01 Datasheet
1Mb / 2P
Dual Surface Mount Fast Switching Diode
logo
Diodes Incorporated
BAS28Q DIODES-BAS28Q Datasheet
346Kb / 5P
DUAL SURFACE MOUNT FAST SWITCHING DIODE
September 2017 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com