Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR3625ARMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADR3625ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
SPECIFICATIONS
analog.com
Rev. A | 4 of 26
ELECTRICAL CHARACTERISTICS
Input voltage (VIN) = 3 V to 16 V, output current capacity (IL) = 0 mA, load capacitance (CL) = 1 μF, ENABLE voltage (VEN) = VIN, and –40°C ≤
TA ≤ +125°C, unless otherwise noted.
Table 2. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
TA = 25°C
A Grade
ADR3625A
2.498
2.500
2.502
V
ADR3630A
2.998
3.000
3.002
V
ADR3650A
4.996
5.000
5.004
V
B Grade
ADR3625B
2.499
2.500
2.501
V
ADR3630B
2.999
3.000
3.001
V
ADR3650B
4.998
5.000
5.002
V
INITIAL OUTPUT VOLTAGE ERROR
VOUT_ERR
TA = 25°C
A Grade
±0.08
%
B Grade
±0.04
%
SOLDER HEAT RESISTANCE SHIFT1
±0.06
%
TEMPERATURE COEFFICIENT
TCVOUT
See the Terminology section
A Grade
4
6
ppm/°C
B Grade
2
3
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
VIN = VOUT + VDO2 to 16 V
0.5
2
ppm/V
LOAD REGULATION
ΔVOUT/ΔIL
Sourcing
IL = 0 mA to 10 mA, VIN = VOUT + VDO2
10
15
ppm/mA
IL = 0 mA to 50 mA, VIN = VOUT + VDO3
3
5
ppm/mA
Sinking
IL = 0 mA to 10 mA, VIN = VOUT + VDO2
20
30
ppm/mA
OUTPUT CURRENT CAPACITY
IL
Sourcing
VIN = VOUT + VDO3 to 16 V
50
70
mA
Sinking
VIN = VOUT + VDO2 to 16 V
10
20
mA
Short Circuit to GND
VIN = 16 V
90
mA
Short Circuit to VIN
VIN = 16 V
70
mA
QUIESCENT CURRENT
IQ
Normal Operation
VEN ≥ 1.17 V
ADR3625
65
75
μA
ADR3630 and ADR3650
70
90
μA
Shutdown
VEN ≤ 0.63 V
1.5
3
μA
DROPOUT VOLTAGE
VDO
ADR3625
IL = 10 mA
0.25
0.5
V
IL = 50 mA
0.8
1
V
ADR3630 and ADR3650
IL = 10 mA
0.15
0.3
V
IL = 50 mA
0.7
0.9
V
ENABLE PIN
Input High Voltage
VENH
1.17
V
Input Low Voltage
VENL
0.63
V
Leakage Current
VENLEAK
0.3
1
μA
OUTPUT VOLTAGE NOISE
eN p-p
TA = 25°C
0.1 Hz to 10 Hz
3
ppm p-p
0.55
ppm RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com