Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR3625ARMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR3625ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
TERMINOLOGY
analog.com
Rev. A | 18 of 26
Dropout Voltage
Dropout voltage (VDO), sometimes referred to as supply voltage
headroom or supply output voltage differential, is defined as the
minimum voltage differential between the input and output such that
the output voltage is maintained to within 0.1% accuracy.
VDO = (VIN – VOUT)MIN
Because VDO depends on the current passing through the device, it
is always specified for a given load current. In series mode devices,
the dropout voltage typically increases proportionally to the load
current (see Figure 8 and Figure 9).
Line Regulation
Line regulation refers to the change in output voltage in response
to a given change in input voltage and is expressed in percent per
volt, ppm per volt, or μV per volt change in input voltage.
Load Regulation
Load regulation refers to the change in output voltage in response
to a given change in load current and is expressed in μV per mA,
ppm per mA, or Ω of dc output resistance.
Solder Heat Resistance Shift
Solder heat resistance shift refers to the permanent shift in output
voltage that is induced by exposure to reflow soldering and is ex-
pressed as a percentage of the output voltage. This shift is caused
by changes in the stress exhibited on the die by the package
materials when these materials are exposed to high temperatures.
This effect is more pronounced in lead-free soldering processes
due to higher reflow temperatures. Solder heat resistance is calcu-
lated after three solder reflow cycles to simulate the worst case
conditions when assembling a two-sided PCB with surface-mount
components with one additional rework cycle. The reflow cycles use
the JEDEC standard reflow temperature profile.
Temperature Coefficient
The temperature coefficient (TCVOUT) relates the change in the
output voltage to the change in the ambient temperature of the
device, as normalized by the output voltage at 25°C. The TCVOUT
for the ADR3625\ADR3630\ADR3650 is fully tested over three
temperatures: –40°C, +25°C, and +125°C.
Box Method
The box method is represented by the following equation:
TCVOUT=
maxVOUTT1,T2,T3 −minVOUTT1,T2,T3
VOUTT2 × T3−T1
×106
where:
TCVOUT is expressed in ppm/°C.
VOUT(Tx) is the output voltage at temperature Tx.
T1 = –40°C.
T2 = +25°C.
T3 = +125°C.
This box method ensures that TCVOUT accurately portrays the
maximum difference between any of the three temperatures at
which the output voltage of the device is measured.
Thermal Hysteresis
Thermal hysteresis (ΔVOUT_HYS) represents the change in the out-
put voltage after the device is exposed to a specified temperature
cycle. ΔVOUT_HYS is expressed as a difference in ppm from the
nominal output.
ΔVOUT_HYS=VOUT1_25°C−VOUT2_25°C
VOUT1_25°C
×106ppm
where:
VOUT1_25°C is the output voltage at 25°C.
VOUT2_25°C is the output voltage after temperature cycling.
Long-Term Drift
Long-term drift (ΔVOUT_LTD) refers to the shift in the output voltage
vs. time. This is expressed as a difference in ppm from the nominal
output.
ΔVOUT_LTD= VOUTt1−VOUTt0
VOUTt0
×106ppm
where:
VOUT(t0) is the VOUT at the starting time of the measurement.
VOUT(t1) is the VOUT at the end time of the measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com