Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR3625ARMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADR3625ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
Precision, Micropower, High Current Output Voltage References
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Maximum temperature coefficient
►
3 ppm/°C (B grade)
►
6 ppm/°C (A grade)
►
Output current capacity (typical): 70 mA sourcing and 20 mA
sinking
►
Low quiescent current: 65 µA
►
Low shutdown current: 1.5 μA
►
Output voltage noise (0.1 Hz to 10 Hz): 3 ppm p-p
►
Maximum initial output voltage error
►
±0.04% (B grade)
►
±0.08% (A grade)
►
Operating temperature range: −40°C to +125°C
►
Maximum input voltage: 16 V
►
Low dropout voltage
►
0.25 V for the ADR3625
►
0.15 V for the ADR3630 and ADR3650
►
1.8 V logic compatible
►
8-Lead MSOP package
APPLICATIONS
►
Precision power supplies
►
Portable instrumentation
►
Process transmitters
►
Remote sensors
►
Medical instrumentation
►
Auto battery monitors
PIN CONFIGURATION
Figure 1. 8-Lead MSOP Pin Configuration
GENERAL DESCRIPTION
The ADR3625\ADR3630\ADR3650 are low power, high precision
voltage references that feature a maximum temperature coefficient
of 3 ppm/°C for the B grade in an 8-lead MSOP. Capable of
sourcing up to 70 mA, the ADR3625\ADR3630\ADR3650 are an
exceptional replacement to standard low dropout (LDO) regulators.
For high accuracy, the output voltage and temperature coefficient
are trimmed during production using the Analog Devices, Inc.,
proprietary DigiTrim
® technology.
The low thermal hysteresis (7 ppm) and low long-term drift
(160 ppm at 3500 Hr) improve system lifetime accuracy. A
minimum load capacitance of 0.1 μF is required for operation.
The ADR3625\ADR3630\ADR3650 is specified over the –40°C to
+125°C operating temperature range.
Table 1. Voltage Reference Choices from Analog Devices
Micropower
Low Power
High Current
LT6656
ADR391
LT6658
ADR291
LT1460
LT1461
REF192
ADR361
ADR431
LT1461
ADR421
REF192
LT1790
LTC6652
LT1460


Similar Part No. - ADR3625ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3625ARMZ-R7 AD-ADR3625ARMZ-R7 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
More results

Similar Description - ADR3625ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
logo
Maxim Integrated Produc...
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com