Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1725CS
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1725CS Datasheet HTML 3Page - Linear Technology LT1725CS Datasheet HTML 4Page - Linear Technology LT1725CS Datasheet HTML 5Page - Linear Technology LT1725CS Datasheet HTML 6Page - Linear Technology LT1725CS Datasheet HTML 7Page - Linear Technology LT1725CS Datasheet HTML 8Page - Linear Technology LT1725CS Datasheet HTML 9Page - Linear Technology LT1725CS Datasheet HTML 10Page - Linear Technology LT1725CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LT1725
1725f
BLOCK DIAGRA
COMP
ENDLY
MINENAB
tON
IAMP
FDBK
FB
OSCAP
OSC
MOSFET
DRIVER
UVLO
VCC
3VOUT
3V REG
(INTERNAL)
BIAS
VC
SOFT-START
LOAD
COMPENSATION
ISENSE
GATE
PGND
ROCMP
SFST
RCMPC
SGND
1725 BD
LOGIC
PI FU CTIO S
ENDLY (Pin 13): Pin for external programming resistor to
set enable delay time. See Applications Information for
details.
tON (Pin 14): Pin for external programming resistor to set
switch minimum on time. See Applications Information
for details.
VCC (Pin 15): Supply voltage for the LT1725. Bypass this
pin to ground with 1
µF or more.
GATE (Pin 16): This is the gate drive to the external power
MOSFET switch and has large dynamic currents flowing
through it. Keep the trace to the MOSFET as short as
possible to minimize electromagnetic radiation and volt-
age spikes. A series resistance of 5
Ω or more may help to
dampen ringing in less than ideal layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com