Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1725CS
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1725CS Datasheet HTML 7Page - Linear Technology LT1725CS Datasheet HTML 8Page - Linear Technology LT1725CS Datasheet HTML 9Page - Linear Technology LT1725CS Datasheet HTML 10Page - Linear Technology LT1725CS Datasheet HTML 11Page - Linear Technology LT1725CS Datasheet HTML 12Page - Linear Technology LT1725CS Datasheet HTML 13Page - Linear Technology LT1725CS Datasheet HTML 14Page - Linear Technology LT1725CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LT1725
1725f
transformer secondary and output capacitor. This has
been represented previously by the expression “ISEC •
ESR.” However, it is generally more useful to convert this
expression to an effective output impedance. Because the
secondary current only flows during the off portion of the
duty cycle, the effective output impedance equals the
lumped secondary impedance times the inverse of the OFF
duty cycle. That is:
R
ESR
DC
OUT
OFF
=


1
where
ROUT = effective supply output impedance
ESR = lumped secondary impedance
DCOFF = OFF duty cycle
Expressing this in terms of the ON duty cycle, remember-
ing DCOFF = 1 – DC,
R
ESR
DC
OUT =


1
1–
DC = ON duty cycle
In less critical applications, or if output load current
remains relatively constant, this output impedance error
may be judged acceptable and the external FB resistor
divider adjusted to compensate for nominal expected
error. In more demanding applications, output impedance
error may be minimized by the use of the load compensa-
tion function.
To implement the load compensation function, a voltage is
developed that is proportional to average output switch
current. This voltage is then impressed across the external
ROCMP resistor, and the resulting current acts to increase
the VBG reference used by the flyback error amplifier. As
output loading increases, average switch current increases
to maintain rough output voltage regulation. This causes
an increase in ROCMP resistor current which effects a
corresponding increase in target output voltage.
Assuming a relatively fixed power supply efficiency, Eff,
Power Out = Eff • Power In
VOUT • IOUT = Eff • VIN • IIN
Average primary side current may be expressed in terms
of output current as follows:
OPERATIO
I
V
V
EFF
I
IN
OUT
IN
OUT
= 


•
•
combining the efficiency and voltage terms in a single
variable:
IIN = K1 • IOUT, where
K
V
V
EFF
OUT
IN
1
= 


•
Switch current is converted to voltage by the external
sense resistor and averaged/lowpass filtered by R3 and
the external capacitor on RCMPC. This voltage is then
impressed across the external ROCMP resistor by op amp
A1 and transistor Q3. This produces a current at the
collector of Q3 which is then mirrored around and then
subtracted from the FB node. This action effectively in-
creases the voltage required at the top of the R1/R2
feedback divider to achieve equilibrium. So the effective
change in VOUT target is:
∆=∆
()


∆
∆
=


VK
I
R
R
RR
or
V
I
K
R
R
RR
OUT
OUT
SENSE
OCMP
OUT
OUT
SENSE
OCMP
11
2
11
2
•• (
||
)
• (
||
)
Nominal output impedance cancellation is obtained by
equating this expression with ROUT:
RK
R
R
R
R
and
RK
R
R
R
R
where
OUT
SENSE
OCMP
OCMP
SENSE
OUT
=


=


11
2
11
2
• (
||
)
• (
||
)
K1 = dimensionless variable related to VIN, VOUT and
efficiency as above
RSENSE = external sense resistor
ROUT = uncompensated output impedance
(R1||R2) = impedance of R1 and R2 in parallel
The practical aspects of applying this equation to deter-
mine an appropriate value for the ROCMP resistor are found
in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com