Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1725CS Datasheet(PDF) 25 Page - Linear Technology

Part # LT1725CS
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725CS Datasheet(HTML) 25 Page - Linear Technology

Back Button LT1725CS Datasheet HTML 20Page - Linear Technology LT1725CS Datasheet HTML 21Page - Linear Technology LT1725CS Datasheet HTML 22Page - Linear Technology LT1725CS Datasheet HTML 23Page - Linear Technology LT1725CS Datasheet HTML 24Page - Linear Technology LT1725CS Datasheet HTML 25Page - Linear Technology LT1725CS Datasheet HTML 26Page - Linear Technology LT1725CS Datasheet HTML 27Page - Linear Technology LT1725CS Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LT1725
1725f
TYPICAL APPLICATIO S
48V to Isolated 5V Application Parts List
T1: Coiltronics CTX02-14989
M1: International Rectifier IRF620. 200V, 0.8
Ω N-channel
MOSFET
D1: International Rectifier 12CWQ06FN. 12A, 60V Schottky
diode
D2: BAS16. 75V switching diode
C1: AVX TPSD156M035R0300. 15
µF, 35V tantalum
capacitor
C2: Vishay/Vitramon VJ1825Y155MXB. 1.5
µF,100V,X7R
ceramic capacitor
C3: Sanyo 6SA150M. 150
µF, 6.3V, OS-CON electrolytic
capacitor
C4: 150pF, 100V, X7R ceramic capacitor
C5: 470pF, 50V, X7R ceramic capacitor
C6: 1nF, 25V X7R ceramic capacitor
C7: 47pF, 25V, NPO ceramic capacitor
C8: 0.1
µF, 25V, Z5U ceramic capacitor
C9: 100pF, 25V, X7R ceramic capacitor
C10: 1
µF, 25V, Z5U ceramic capacitor
R1: 47k, 1/4W, 5% resistor
R2: Panasonic type ERJ-14RSJ. 0.18
Ω, 1/4W, 5%
resistor
R3: 35.7k, 1% resistor
R4: 3.01k, 1% resistor
R5, R6, R7: 51k, 5% resistor
R8: 2.7k, 5% resistor
R9: 18
Ω, 5% resistor
R10: 22
Ω, 5% resistor
R11: 51
Ω, 1W, 5% resistor
R12: 68
Ω, 5% resistor
R13: 820k, 5% resistor
R14: 33k, 5% resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com