Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT23402 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT23402
Description  ISDN S-Interface Isolation Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT23402 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT23402 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PT234 Series - ISDN S-Interface Isolation Transformers
Features
■
Meets the CCITT 1.430 ISDN S interface
specifications
■
1.5 kVrms HIPOT PRI/SEC in conformance
with international safety standards
■
Low leakage inductance
■
60 dB min. longitudinal balance
10 kHz to 100 kHz
■
Weight - 8 g
■
Operating temperature 0 °C to +70 °C
■
Lead free version available (see How to
Order)
■
Lead free versions are RoHS compliant*
Applications
■
Telecom
Primary
Turns
Primary
Leakage
Part
Ratio
Inductance
Inductance
Cw/w
Pri DCR
Sec DCR
Number
(±2 %)
(mH min.)
(µH max.)
(pF max.)
(Ω±15 %)
(Ω±15 %)
PT23401
1:1
25
13
50
1.1
1.3
PT23402
1:1.8
23
13
50
1.1
1.8
PT23403
1:2
23
13
50
1.1
2.6
PT23404
1:2.5
23
13
50
1.1
4.2
16.0
(.629)
MAX.
MAX.
14.0
(.551)
MAX.
1.0
(.039)
TYP.
0.6
(.023)
DIA.
LEADS
5.3
(.208)
11.4
(.448)
0.4
(.015)
TYP.
3.5
(.137)
15.5
(.610)
7.6
(.299)
3.8
(.149)
15
(.590)
Pri
1
2
3
4
5
6
2
31
5
64
Sec
Electrical Specifications @ 25 °C
Product Dimensions
Electrical Schematic
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCE: ±
0.25
(.010)
Packaging Specifications
Tray ........................................50pcs./tray,
500 pcs./carton
03/05
How to Order
PT234xx __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)


Similar Part No. - PT23402

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT234-6B EVERLIGHT-PT234-6B Datasheet
532Kb / 7P
Opto Interrupter
logo
Princeton Technology Co...
PT2347 PTC-PT2347 Datasheet
213Kb / 3P
Stereo Audio Processor
PT2347-S PTC-PT2347-S Datasheet
213Kb / 3P
Stereo Audio Processor
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348 Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
More results

Similar Description - PT23402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
ISDN S -Interface Transformers
logo
Bourns Electronic Solut...
PT231 BOURNS-PT231 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
ISDN S-Interface Transformers
3/24/94
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
ISDN S-Interface Transformers
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS42 PMI-PM-IS42 Datasheet
54Kb / 1P
ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA1155-17 PCA-EPA1155-17 Datasheet
44Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
EPA1155-6 PCA-EPA1155-6 Datasheet
48Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
ISDN-S Interface Transformers
EPA1155-1 PCA-EPA1155-1 Datasheet
44Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com