Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL7119RHF/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL7119RHF/PROTO
Description  Radiation Hardened High Speed Dual Voltage Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7119RHF/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL7119RHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FN6607 Rev 5.01
Page 1 of 5
Feb 9, 2023
© 2007-2023 Renesas Electronics
ISL7119RH, ISL7119EH
Radiation Hardened High Speed Dual Voltage Comparators
DATASHEET
The ISL7119RH, ISL7119EH are radiation hardened, high
speed, dual voltage comparators fabricated on a single
monolithic chip. They are designed to operate over a wide dual
supply voltage range as well as a single 5V logic supply and
ground. The open collector output stage facilitates interfacing
with a variety of logic devices and has the ability to drive relays
and lamps at output currents up to 25mA.
The ISL7119RH, ISL7119EH are fabricated on our dielectrically
isolated Radiation Hardened Silicon Gate (RSG) process, which
provides immunity to Single Event Latch-Up (SEL) and highly
reliable performance in the natural space environment.
Pin Configuration
ISL7119RH, ISL7119EH
(10 LD FLATPACK GDFP1-F10 OR CDFP2-F10)
TOP VIEW
Features
• Electrically screened to DLA SMD # 5962-07215
• QML qualified per MIL-PRF-38535 requirements
• Radiation acceptance testing - ISL7119RH
- HDR (50-300rad(Si)/s) . . . . . . . . . . . . . . . . . . . 300krad(Si)
• Radiation acceptance testing - ISL7119EH
- HDR (50-300rad(Si)/s) . . . . . . . . . . . . . . . . . . . 300krad(Si)
- LDR (0.01rad(Si)/s) . . . . . . . . . . . . . . . . . . . . . . . 50krad(Si)
• SEE hardness (see SEE report for details)
- SEL/SEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Immune
• Input offset voltage (VIO). . . . . . . . . . . . . . . . . . . . . 8mV (max)
• Input bias current (IBIAS). . . . . . . . . . . . . . . . . . 1000nA (max)
• Input offset current (IIO) . . . . . . . . . . . . . . . . . . . 150nA (max)
• Saturation voltage at ISINK = 3.2mA (VSAT) . . . . 0.65V (max)
• Saturation voltage at ISINK = 25mA (VSAT) . . . . . 1.8V (max)
•Response time (tPD) . . . . . . . . . . . . . . . . . . . . . . .160ns (max)
Applications
• Window detector
• Level shifter
•Relay driver
• Lamp driver
10
9
8
7
6
2
3
4
5
1
OUT 1
GND 1
+IN 1
-IN 1
-VS
+VS
-IN 2
+IN 2
GND 2
OUT 2


Similar Part No. - ISL7119RHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL7119RHF/Proto INTERSIL-ISL7119RHF/Proto Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
logo
Renesas Technology Corp
ISL7119RHF/PROTO RENESAS-ISL7119RHF/PROTO Datasheet
347Kb / 11P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 13, 2025
More results

Similar Description - ISL7119RHF/PROTO

ManufacturerPart #DatasheetDescription
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
STMicroelectronics
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
HIGH SPEED DUAL COMPARATORS
Oct-1997
logo
Intersil Corporation
HS-1100RH INTERSIL-HS-1100RH Datasheet
132Kb / 11P
Radiation Hardened, Ultra High Speed Current Feedback Amplifier
1999 08
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
High speed dual comparators
28-Jan-2007
logo
Intersil Corporation
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com