Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-1100RH Datasheet (PDF) - Intersil Corporation

HS-1100RH Datasheet PDF - Intersil Corporation
Part # HS-1100RH
Download  HS-1100RH Download
File Size   132.48 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Ultra High Speed Current Feedback Amplifier

HS-1100RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1100RH Datasheet PDF - Intersil Corporation

Part # HS-1100RH
Download  HS-1100RH Click to download

File Size   132.48 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Ultra High Speed Current Feedback Amplifier

HS-1100RH Datasheet (HTML) - Intersil Corporation


HS-1100RH Product details

The HS-1100RH is a radiation hardened high speed, wideband, fast settling current feedback amplifier. Built with Intersil’s proprietary, complementary bipolar UHF-1 (DI bonded wafer) process, it is the fastest monolithic amplifier available from any semiconductor manufacturer. These devices are QML approved and are processed and screened in full compliance with MIL-PRF-38535.

Features
• Electrically Screened to SMD # 5962-94676
• QML Qualified per MIL-PRF-38535 Requirements
• Low Distortion (HD3, 30MHz). . . . . . . . . . . . -84dBc (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . 850MHz (Typ)
• Very High Slew Rate . . . . . . . . . . . . . . . . 2300V/µs (Typ)
• Fast Settling (0.1%) . . . . . . . . . . . . . . . . . . . . . 11ns (Typ)
• Excellent Gain Flatness (to 50MHz). . . . . . . 0.05dB (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . 65mA (Typ)
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . <10ns (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)

Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Imaging Systems




Similar Part No. - HS-1100RH

ManufacturerPart #DatasheetDescription
logo
Hitec RCD USA
HS-1100WP HITEC-RCD-HS-1100WP Datasheet
290Kb / 1P
Contact Analog Potentiometer
Ver2.1
More results


Similar Description - HS-1100RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
1996 08
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
1999 08
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
1999 08
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
August 1999
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
High Speed Current Feedback Operational Amplifier
logo
Intersil Corporation
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
High-Speed, Current Feedback Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com