Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68SC302 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # M68SC302
Description  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M68SC302 Datasheet(HTML) 4 Page - NXP Semiconductors

  M68SC302 Datasheet HTML 1Page - NXP Semiconductors M68SC302 Datasheet HTML 2Page - NXP Semiconductors M68SC302 Datasheet HTML 3Page - NXP Semiconductors M68SC302 Datasheet HTML 4Page - NXP Semiconductors M68SC302 Datasheet HTML 5Page - NXP Semiconductors M68SC302 Datasheet HTML 6Page - NXP Semiconductors M68SC302 Datasheet HTML 7Page - NXP Semiconductors M68SC302 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC68SC302 PRODUCT INFORMATION
stored in a parallel EEPROM on the external PCMCIA bus. An additional chip select is provided to support
access to an external device from the PC Card interface.
The MC68SC302 also has up to 12 general purpose I/O pins to connect to external circuits. Five external chip
interrupts can be brought in and routed through a built-in interrupt controller to any one of 11 ISA interrupts (or
to the PC Card interface interrupt). The MC68SC302 can be clocked at the same rate as the physical layer
transceiver clock which eliminates the need for a dedicated oscillator or crystal.
Figure 1. MC68SC302 Block Diagram
REFERENCE DESIGNS
Figure 2 shows the 68SC302 in an NT1 terminal adaptor (TA) application using the MC68SC302. The TA
supports a basic rate interface (BRI). The 68SC302 is connected gluelessly to the ISA bus connector and
performs the Plug and Play interface using the serial EEPROM for storage of non-volatile Plug and Play data.
Data and control accesses from the PC to the MC68SC302 can be selectively memory or I/O mapped. Only
one clock source (crystal or oscillator) is needed for a simple terminal adaptor.
1536 BYTE
RAM
SCC1
2 SMCs
SCP
IDL/GCI INTERFACE
COMMUNICATIONS
PROCESSOR
ISA PnP/
PCMCIA
INTERFACE
SCP/E2 PROM INTERFACE
IDL/GCI PINS
ISA PnP
INTERFACE
PCMCIA
INTERFACE
NMSI I/F
NMSI PINS
PIO AND INT I/F
PIO AND INTERRUPT PINS
SCC2
SCC3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com