Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68SC302 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # M68SC302
Description  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M68SC302 Datasheet(HTML) 6 Page - NXP Semiconductors

  M68SC302 Datasheet HTML 1Page - NXP Semiconductors M68SC302 Datasheet HTML 2Page - NXP Semiconductors M68SC302 Datasheet HTML 3Page - NXP Semiconductors M68SC302 Datasheet HTML 4Page - NXP Semiconductors M68SC302 Datasheet HTML 5Page - NXP Semiconductors M68SC302 Datasheet HTML 6Page - NXP Semiconductors M68SC302 Datasheet HTML 7Page - NXP Semiconductors M68SC302 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC68SC302 PRODUCT INFORMATION
.
Figure 4. NT Terminal Adaptor Block Diagram with POTS Interface and Datapump
Figure 5 shows a PC Card terminal adaptor based on the SC302.
Figure 5. PC Card Terminal Adaptor
ORDERING INFORMATION
RELATED DOCUMENTATION
PACKAGE TYPE
FREQUENCY
(MHZ)
TEMPERATURE
ORDER NUMBER
Surface Mount TQFP 100-Pin
(PU Suffix)
20.048
0°C to 70°C
MC68SC302PU20
DOCUMENT TITLE
ORDER NUMBER
CONTENT
MC68SC302 User’s Manual
MC68SC302UM/AD
Detailed technical information about the MC68SC302
MC68SC302
145572 U
I/F
LINE I/F
IDL OR GCI BUS
SERIAL
EEPROM
ISA BUS
20.048 MHZ CLOCK
20.048 MHZ
DATAPUMP
POTS
I/F
PIO
MC145480
MC68SC302
145572 U
I/F
LINE I/F
IDL OR GCI BUS
SERIAL
EEPROM
20.048 MHZ CLOCK
20.048 MHZ
PCMCIA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com