Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68SC302 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # M68SC302
Description  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M68SC302 Datasheet(HTML) 1 Page - NXP Semiconductors

  M68SC302 Datasheet HTML 1Page - NXP Semiconductors M68SC302 Datasheet HTML 2Page - NXP Semiconductors M68SC302 Datasheet HTML 3Page - NXP Semiconductors M68SC302 Datasheet HTML 4Page - NXP Semiconductors M68SC302 Datasheet HTML 5Page - NXP Semiconductors M68SC302 Datasheet HTML 6Page - NXP Semiconductors M68SC302 Datasheet HTML 7Page - NXP Semiconductors M68SC302 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Order this document by
MC68SC302P/D
This document contains information on a product under development. Freescale reserves the right to change or discontinue this product without notice.
Product Brief
Passive ISDN Protocol Engine
MC68SC302
© 1996 All Rights Reserved.
The MC68SC302 Passive ISDN Protocol Engine (PIPE) is a communication controller optimized for ISDN
passive cards, with an ISA PNP interface and a PCMCIA slave interface. The MC68SC302 is a descendant of
the popular MC68302 Integrated Multiprotocol Processor. The microcoded RISC communications processor
from the 68302 was modified to form the core of the 68SC302. The 68000 core and many related system
integration features were removed to further optimize the device for passive ISDN card applications. The serial
communication channels (SCC) have been optimized for supporting a full ISDN basic rate interface. The three
SCCs support two 64kbit per second B-channels and one 16kbit per second D-channel. The 68SC302 connects
gluelessly to Motorola’s MC145572 U transceiver or MC145574 S/T transceiver and, as an added bonus,
eliminates the need for a second oscillator for the transceiver chip.
MC68SC302 KEY FEATURES
• ISA Bus Interface
— ISA Plug and Play Interface
— Glueless Connections to ISA
— 24mA Buffers for ISA Bus Pins
— Full Support of Plug and Play Standard
— All Chip Registers Accessed from ISA Bus.
— Support for 8- or 16-bit I/O or Memory ISA Cycles
— 11 Selectable Interrupt Output Pins to ISA Bus.
— Additional Chip Select Allows Another Device to Be Accessed from the ISA Bus.
— Plug and Play Register Settings Stored in External Low Cost E2PROM.
• PCMCIA Interface
— PC Card 95 Compatible
— Two CIS Storage Options:
• CIS stored in Serial E2PROM and Downloaded At Runtime to Internal Dual Port RAM
• CIS Optionally Stored in Parallel E2PROM on the PC Card Bus with Dedicated Chip Select, Saving
Dual Port RAM Buffer Space and Always Available for PC Accesses.
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2004. All rights reserved.


Similar Part No. - M68SC302

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
M68SC302ADS FREESCALE-M68SC302ADS Datasheet
1Mb / 8P
Passive ISDN Protocol Engine
More results

Similar Description - M68SC302

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
logo
Freescale Semiconductor...
MC68SC302 FREESCALE-MC68SC302 Datasheet
1Mb / 8P
Passive ISDN Protocol Engine
logo
CML Microcircuits
CMX208 CMLMICRO-CMX208 Datasheet
337Kb / 25P
ISDN Dual Telephony Protocol Engine
CMX218 CMLMICRO-CMX218 Datasheet
354Kb / 34P
ISDN Data/Telephony Protocol Engine
CMX228 CMLMICRO-CMX228 Datasheet
362Kb / 38P
ISDN Protocol Engine with D - channel Data
logo
Freescale Semiconductor...
TWR-MPC8309 FREESCALE-TWR-MPC8309 Datasheet
1Mb / 8P
PowerQUICC Processor with Industrial Connectivity and Protocol Off-Load Engine
logo
JILIN SINO-MICROELECTRO...
TIP122 JSMC-TIP122 Datasheet
214Kb / 5P
Engine ignition
TIP127 JSMC-TIP127 Datasheet
211Kb / 5P
Engine ignition
logo
Generalplus Technology ...
GPDS301A GENERALPLUS-GPDS301A Datasheet
321Kb / 10P
Voice Engine
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com