Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL72026SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL72026SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL72026SEH
FN8762 Rev 3.00
Page 8 of 18
August 16, 2016
FIGURE 14A. RECEIVER VOLTAGE DEFINITIONS
FIGURE 14B. RECEIVER TEST CIRCUIT
FIGURE 14C. RECEIVER TEST MEASUREMENT POINTS
FIGURE 14. RECEIVER TEST
FIGURE 15. DIFFERENTIAL INPUT VOLTAGE THRESHOLD TEST
Test Circuits and Waveforms (Continued)
CAN_H
CAN_L
R
GND
VCANH
VCANL
VDIFF
VO
CAN_H
CAN_L
R
GND
VIN
1.5V
15pF
VO
VIN = 125kHz, Duty Cycle 50%, tr = tf = 6ns, ZO = 50Ω
CL includes test setup capacitance
tPLH
90%
50%
10%
50%
tPHL
VIN
VO
VOH
VOL
2.9V
1.5V
2.2V
tr
tf
TABLE 2.
INPUT
OUTPUT
MEASURED
VCANH
VCANL
R
VDIFF
–6.1V
–7V
L
900mV
12V
11.1V
L
900mV
–1V
–7V
L
6V
12V
6V
L
6V
–6.5V
–7V
H
500mV
12V
11.5V
H
500mV
–7V
–1V
H
6V
6V
12V
H
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com