Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHX/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL72026SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHX/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL72026SEHX/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN8762 Rev 3.00
Page 1 of 18
August 16, 2016
FN8762
Rev 3.00
August 16, 2016
ISL72026SEH
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
DATASHEET
The Intersil ISL72026SEH is a radiation tolerant 3.3V CAN
transceiver that is compatible with the ISO11898-2 standard
for applications calling for Controller Area Network (CAN) serial
communication in satellites and aerospace communications
and telemetry data processing in harsh industrial
environments.
The transceiver can transmit and receive at bus speeds up to
5Mbps. It can drive a 40m cable at 1Mbps per the ISO11898-2
specification. The device is designed to operate over a
common-mode range of -7V to +12V with a maximum of 120
nodes. The device has three discrete selectable driver rise/fall
time options, a listen mode feature and loopback test capability.
Receiver (Rx) inputs feature a “full fail-safe” design, which
ensures a logic high Rx output if the Rx inputs are floating,
shorted, or terminated but undriven.
The ISL72026SEH is available in an 8 Ld hermetic ceramic
flatpack and die form that operate across the temperature
range of -55°C to +125°C. The logic inputs are tolerant with
5V systems.
Other CAN transceivers available are the ISL72027SEH and
ISL72028SEH. For a list of differences see Table 1 on page 2.
Related Literature
• UG051, “ISL7202xSEHEVAL1Z Evaluation Board User Guide”
• TR018, “SEE Testing of the ISL72027SEH CAN Transceiver”
• TR022, “Total Dose Testing of the ISL72026SEH,
ISL72027SEH and ISL72028SEH CAN Transceivers”
Features
• Electrically screened to SMD 5962-15228
• ESD protection on all pins. . . . . . . . . . . . . . . . . . . . . . 4kV HBM
• Compatible with ISO11898-2
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• Bus pin fault protection to ±20V
• Undervoltage lockout
• Cold spare: powered down devices/nodes will not affect
active devices operating in parallel
• Three selectable driver rise and fall times
• Glitch free bus I/O during power-up and power-down
• Full fail-safe (open, short, terminated/undriven) receiver
• Hi Z input allows for 120 nodes on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . . up to 5Mbps
• Quiescent supply current . . . . . . . . . . . . . . . . . . . . 7mA (max)
• Listen mode supply current . . . . . . . . . . . . . . . . . . 2mA (max)
• -7V to +12V common mode input voltage range
• 5V tolerant logic inputs
•Thermal shutdown
• Acceptance tested to 75krad(Si) (LDR) wafer-by-wafer
• Radiation tolerance
- SEL/B immune to LET 60MeV•cm2/mg
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . 75krad(Si)
Applications
• Satellites and aerospace communications
• Telemetry data processing
• High-end industrial environments
• Harsh environments
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. FAST DRIVER AND RECEIVER WAVEFORMS
1
2
3
4
8
7
6
5
RS
CANH
CANL
LBK
D
GND
VCC
R
Tx DATA IN
Rx DATA OUT
CANH
CANL
ISL72026SEH
0.1µF
VCC
µController
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = GND, RD = 60Ω
CANH - CANL
R
D


Similar Part No. - ISL72026SEHX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72026SEHEVAL1Z INTERSIL-ISL72026SEHEVAL1Z Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72026SEHVF INTERSIL-ISL72026SEHVF Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72026SEHVX INTERSIL-ISL72026SEHVX Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
More results

Similar Description - ISL72026SEHX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
FAULT TOLERANT CAN TRANSCEIVER
Jul-2003
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com