Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHX/SAMPLE Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL72026SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHX/SAMPLE Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL72026SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 13Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 14Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 15Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 16Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 17Page - Renesas Technology Corp ISL72026SEHX/SAMPLE Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ISL72026SEH
FN8762 Rev 3.00
Page 16 of 18
August 16, 2016
TABLE 3. ISL72026SEH DIE LAYOUT X-Y COORDINATES
PAD NUMBER
PAD NAME
X
(µm)
Y
(µm)
X
Y
1
NC
90.0
90.0
901.4
1365.6
2
NC
90.0
90.0
767.4
1365.6
3
NC
90.0
90.0
-183.23
1365.6
4
NC
90.0
90.0
-333.25
1365.6
5
NC
90.0
90.0
-483.25
1365.6
6
NC
90.0
90.0
-633.25
1365.6
7
NC
90.0
90.0
-783.25
1365.6
8
NC
90.0
90.0
-933.25
1365.6
9
D
110.0
110.0
-931.1
901.85
10
NC
110.0
110.0
-931.1
563.25
11
GND
110.0
180.0
-931.1
342.25
12
GND_ESD
110.0
110.05
-931.1
119.42
13
VCC
110.0
180.0
-931.1
-115.05
14
NC
110.0
180.05
-931.1
-371.08
15
R
110.0
180.0
-931.1
-1350.0
16
NC
90.0
90.0
-711.1
-1394.95
17
NC
90.0
90.0
-561.1
-1394.95
18
NC
90.0
90.0
-411.1
-1394.95
19
NC
90.0
90.0
-261.1
-1394.95
20
NC
90.0
90.0
-111.1
-1394.95
21
NC
90.0
90.0
38.9
-1394.95
22
LBK
110.0
110.0
756.9
-1307.3
23
NC
110.0
180.0
775.3
-1072.3
24
CANL
110.0
180.0
772.1
2.15
25
CANH
110.0
180.05
772.1
343.33
26
RS
110.0
180.0
848.1
1140.6
NOTE: Origin of coordinates is the center of the die. NC - No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com