Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85014 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL85014
Description  14A, 3.8V to 18V Input, Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85014 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL85014 Datasheet HTML 9Page - Renesas Technology Corp ISL85014 Datasheet HTML 10Page - Renesas Technology Corp ISL85014 Datasheet HTML 11Page - Renesas Technology Corp ISL85014 Datasheet HTML 12Page - Renesas Technology Corp ISL85014 Datasheet HTML 13Page - Renesas Technology Corp ISL85014 Datasheet HTML 14Page - Renesas Technology Corp ISL85014 Datasheet HTML 15Page - Renesas Technology Corp ISL85014 Datasheet HTML 16Page - Renesas Technology Corp ISL85014 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL85014
FN8925 Rev.3.00
Page 13 of 21
Nov 11, 2021
Detailed Description
The ISL85014 combines a synchronous buck controller with a
pair of integrated switching MOSFETs. The buck controller drives
the internal high-side and low-side N-channel MOSFETs to deliver
load currents up to 14A. The buck regulator can operate from an
unregulated DC source, such as a battery, with a voltage ranging
from +3.8V to +18V. An internal 5V LDO voltage regulator is used
to bias the controller. The converter output voltage is
programmed using an external resistor divider and will generate
regulated voltages down to 0.6V. These features make the
regulator suited for a wide range of applications.
The controller uses a current mode loop, which simplifies the
loop compensation and permits fixed frequency operation over a
wide range of input and output voltages. The internal feedback
loop compensation option allows for simple circuit design.
600kHz (FREQ = float) and 300kHz (FREQ = GND) can be
selected as the default switching frequency. The regulator can be
synchronized from 100kHz to 1MHz by SYNC pin as well.
The buck regulator is equipped with a lossless current limit
scheme. The current in the output stage is derived from
temperature compensated measurements of the drain-to-source
voltage of the internal power MOSFETs.
Operation Initialization
The power-on reset circuitry and enable inputs prevent false
start-up of the PWM regulator output. Once all the input criteria
are met (see Figure 31), the controller soft-starts the output
voltage to the programmed level.
Enable and Soft-Start
Chip operation begins after VIN, PVIN, and VDD exceed their rising
POR trip points. If EN is held low externally, nothing happens until
this pin is released. Once the voltage on the EN pin is above 0.6V,
the LDO powers up and soft-start control begins. The ISL85014
operates with Diode Emulation Mode (DEM) during soft-start
regardless of the setting on SYNC pin. The soft-start time is
3ms (typical).
The part is designed to support start-up into a prebiased load
(the prebiased voltage is required to be less than the output
voltage setting). Both high-side and low-side switches are
disabled until the internal SS voltage exceeds the FB voltage
during start-up. It is recommended to connect an RC filter
between an external EN input and the EN pin if a long trace or
pull up to VIN is used. An RC filter of 100kΩ and 1nF is
recommended.
PWM Control Scheme
The ISL85014 employs the current-mode Pulse-Width
Modulation (PWM) control scheme for fast transient response.
The current loop consists of the oscillator, the PWM comparator,
current-sensing circuit, and the slope compensation circuit. The
gain of the current-sensing circuit is typically 55mV/A and the
slope compensation is 780mV/tSS (tSS = period). The control
reference for the current loop comes from the Error Amplifier’s
(EA) output, which compares the feedback signal at FB pin to the
integrated 0.6V reference.
To use internal compensation, connect COMP to ground via a
200Ω resistor. When the default frequency 600kHz is used,
either by floating the FREQ pin or by applying a 600kHz square
wave at the SYNC pin, the voltage loop is internally compensated
with a 30pF and 800kΩ RC network. When the frequency is set
to 300kHz, the voltage loop is internally compensated with a
30pF and 1200kΩ RC network.
The PWM operation is initialized by the clock from the oscillator.
The high-side MOSFET is turned on at the beginning of a PWM
cycle and the current in the MOSFET starts to ramp-up. When the
sum of the current amplifier CSA and the slope compensation
(780mV/tSS) reaches the control reference of the current loop
(COMP), the PWM comparator sends a signal to the PWM logic to
turn off the upper MOSFET and turn on the lower MOSFET. The
lower MOSFET stays on until the end of the PWM cycle. Figure 32
shows the typical operating waveforms during Continuous
Conduction Mode (CCM) operation. The dotted lines illustrate
the sum of the compensation ramp and the current-sense
amplifier’s output.
FIGURE 31. POR CIRCUIT
+
-
+
-
+
-
+
-
POR
EN
0.6V
VIN
4.4V
PVIN
3.8V
VDD
3.4V
FIGURE 32. PWM OPERATION WAVEFORMS
VEAMP
VCSA
DUTY
CYCLE
IL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com