Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85014 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL85014
Description  14A, 3.8V to 18V Input, Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85014 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL85014 Datasheet HTML 1Page - Renesas Technology Corp ISL85014 Datasheet HTML 2Page - Renesas Technology Corp ISL85014 Datasheet HTML 3Page - Renesas Technology Corp ISL85014 Datasheet HTML 4Page - Renesas Technology Corp ISL85014 Datasheet HTML 5Page - Renesas Technology Corp ISL85014 Datasheet HTML 6Page - Renesas Technology Corp ISL85014 Datasheet HTML 7Page - Renesas Technology Corp ISL85014 Datasheet HTML 8Page - Renesas Technology Corp ISL85014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ISL85014
FN8925 Rev.3.00
Page 2 of 21
Nov 11, 2021
Typical Application Schematic
FIGURE 3. TYPICAL APPLICATION SCHEMATIC FOR EXTERNAL COMPENSATION
12
3
4
5
6
15
14
13
12
11
10
9
8
7
SYNC MODE
FREQ
PG
VDD
BOOT
GND
PHASE
PVIN
FB
COMP
DNC
DNC
EN
VIN
CIN
VIN
4.5 TO 18V
CVDD
CBOOT
2.2µF
100nF
L1
COUT
C1
R1
R2
R3
CVIN
VOUT
C2
TABLE 1. DESIGN TABLE FOR DIFFERENT OUTPUT VOLTAGE USING INTERNAL COMPENSATION (SEE Figure 1)
VOUT (V)
1
1.2
1.8
3.3
5
VIN (V)
4.5 to 18
4.5 to 18
4.5 to 18
4.5 to 18
6.5 to 18
FREQ (kHz)
300
300
600
600
600
Compensation
Internal
Internal
Internal
Internal
Internal
CIN (µF)
3x22
3x22
3x22
3x22
3x22
COUT (µF)
1000 + 4x100
1000 + 3x100
4x100
4x100
4x100
L1 (µH)
0.68
1
0.68
1
1.5
R1 (kΩ)
200
300
200
365
365
R2 (kΩ)
300
300
100
80.6
49.9
C1 (pF)
DNP
DNP
DNP
4.7
8.2
NOTES:
1. The design table is referencing the schematic shown in Figure 1.
2. Ceramic capacitors are selected for 22µF and 100µF in the table.
3. 1000µF (5mΩ) are selected for low ESR conductive polymer aluminum solid capacitors.
4. Recommend to keep the inductor peak-to-peak current less than 6A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com