Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85014 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL85014
Description  14A, 3.8V to 18V Input, Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85014 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL85014 Datasheet HTML 14Page - Renesas Technology Corp ISL85014 Datasheet HTML 15Page - Renesas Technology Corp ISL85014 Datasheet HTML 16Page - Renesas Technology Corp ISL85014 Datasheet HTML 17Page - Renesas Technology Corp ISL85014 Datasheet HTML 18Page - Renesas Technology Corp ISL85014 Datasheet HTML 19Page - Renesas Technology Corp ISL85014 Datasheet HTML 20Page - Renesas Technology Corp ISL85014 Datasheet HTML 21Page - Renesas Technology Corp ISL85014 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ISL85014
FN8925 Rev.3.00
Page 21 of 21
Nov 11, 2021
Package Outline Drawing
For the most recent package outline drawing, see L15.3.5x3.5.
L15.3.5x3.5
15 Lead Thin Quad Flat No-Lead Package (TQFN)
Rev 3, 10/2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com