Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4KB80 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D4KB80
Description  4.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D4KB80 Datasheet(HTML) 4 Page - Diodes Incorporated

  D4KB80 Datasheet HTML 1Page - Diodes Incorporated D4KB80 Datasheet HTML 2Page - Diodes Incorporated D4KB80 Datasheet HTML 3Page - Diodes Incorporated D4KB80 Datasheet HTML 4Page - Diodes Incorporated D4KB80 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D4KB80
Document number: DS39997 Rev. 2 - 2
4 of 5
www.diodes.com
April 2020
© Diodes Incorporated
D4KB80
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
D3K
D3K
Dim
Min
Max
Typ
A
2.90
3.30
--
A1
0.40
0.60
--
A2
2.00
2.30
--
A4
1.00
1.40
--
A5
--
--
0.60
b
0.66
0.86
--
c
0.40
0.60
--
D
13.50
14.10
--
D3
2.50
2.90
--
E
10.50
11.10
--
E1
11.70
12.30
--
e
3.51
4.11
--
L
11.70
12.30
--
Q
--
--
5.00
Q1
8.255
8.650
--
Q2
6.70
7.30
--
Q3
--
--
1.10
Q4
--
--
0.90
Q5
3.10
3.40
--
ØP
--
--
3.47
ØP1
--
--
4.00
All Dimensions in mm
A
c
A2
A4
A5
Q2
D
b
E
L
e
E1
Q
D3
Q1
Ø P1
Q3
Q4
Ø P
A1
Q5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com