Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4KB80 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D4KB80
Description  4.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D4KB80 Datasheet(HTML) 1 Page - Diodes Incorporated

  D4KB80 Datasheet HTML 1Page - Diodes Incorporated D4KB80 Datasheet HTML 2Page - Diodes Incorporated D4KB80 Datasheet HTML 3Page - Diodes Incorporated D4KB80 Datasheet HTML 4Page - Diodes Incorporated D4KB80 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D4KB80
Document number: DS39997 Rev. 2 - 2
1 of 5
www.diodes.com
April 2020
© Diodes Incorporated
D4KB80
4.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (μA)
800
4.0
1.0
10
Description and Applications
Suitable for AC to DC bridge full wave rectification for LED lighting,
adapter, battery charger, home appliances, office equipment, and
telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
High Current Capability
Ideal for SMT Manufacturing
Low Forward Voltage Drop
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: D3K
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Mounting Position: Any
Mounting Torque: 0.8 N.m Max.
Weight: 0.023 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
D4KB80
Commercial
D3K
37/Tube
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Green
D4KB80= Product Type Marking Code
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 0 = 2020)
WW= Week Code (01 to 53)
Pin Diagram
YWW


Similar Part No. - D4KB80

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D4KB80 LRC-D4KB80 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
D4KB80 ZSELEC-D4KB80 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB80 ZSELEC-D4KB80 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D4KB80 WTE-D4KB80 Datasheet
51Kb / 4P
4.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - D4KB80

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
KBJ4A ZSELEC-KBJ4A Datasheet
97Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005 ZSELEC-KBJ4005 Datasheet
97Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D4KB1 YFWDIODE-D4KB1 Datasheet
456Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBL401 YFWDIODE-GBL401 Datasheet
638Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU401 YFWDIODE-GBU401 Datasheet
898Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
UMSB40B YFWDIODE-UMSB40B Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
FMSB40B YFWDIODE-FMSB40B_V01 Datasheet
381Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com