Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4KB80 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D4KB80
Description  4.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D4KB80 Datasheet(HTML) 2 Page - Diodes Incorporated

  D4KB80 Datasheet HTML 1Page - Diodes Incorporated D4KB80 Datasheet HTML 2Page - Diodes Incorporated D4KB80 Datasheet HTML 3Page - Diodes Incorporated D4KB80 Datasheet HTML 4Page - Diodes Incorporated D4KB80 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D4KB80
Document number: DS39997 Rev. 2 - 2
2 of 5
www.diodes.com
April 2020
© Diodes Incorporated
D4KB80
Maximum Ratings and Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
800
V
RMS Reverse Voltage
VR(RMS)
560
V
Average Rectified Output Current (Note 5)
@ TC = +140°C
(Without Heatsink)
@ TC = +30°C
IO
4.0
1.3
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
135
A
I2t Rating for Fusing (1ms < t < 8.3ms)
I2t
75
A2S
Maximum Forward Voltage (Per Element)
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = +25°C
At Rated DC Blocking Voltage (Note 6)
@TA = +125°C
IR
10
500
µA
Typical Total Capacitance (Per Element) (Note 7)
CT
17
pF
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Note 5)
(Per Element)
RθJC
1.5
°C/W
Typical Thermal Resistance, Junction to Lead (Per Element)
RθJL
55
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PCB with 75mm x 75mm x 1.6mm aluminum heatsink.
6. Short duration pulse test used to minimize self-heating effect.
7. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com