Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC810 Datasheet(PDF) 1 Page - Wuxi Youda electronics Co.,LTD

Part # CTC810
Description  6W AUDIO POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

CTC810 Datasheet(HTML) 1 Page - Wuxi Youda electronics Co.,LTD

  CTC810 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
YOUDA INTEGRATED CIRCUIT
CTC810
6W AUDIO POWER AMPLIFIER—CTC810
DESCRIPTION
The CTC810 is a monolithic integrated circuit in a 12-lead quad in-line plastic package, intended for use as a
low frequency class B amplifier.
FEATURES
*A wide range of supply voltages (4 to 20V)
*High output current (up to 2.5A)
*High efficiency (75% at 6W output)
*Very low harmonic and cross-over distortion
*Built-in thermal shut down protection circuit
BLOCK DIAGRAM
12
34
12
11
10
9
8
7
6
5
INPUT
DRIVER
OUTPUT
FIL
Vcc
GND
GND
TAB
TAB
AMP
AMP
AMP
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-85205117
86-510-85205106
Fax:
86-510-85205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel: 86-755-83740369
Fax: 86-755-83741418
Ver
5.0
1 of 4
2006-06-28


Similar Part No. - CTC810

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
ITT Industries
CTC ITT-CTC Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
CTC 16 WAY PLUG BLACK ITT-CTC 16 WAY PLUG BLACK Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
Infinite Electronics In...
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
More results

Similar Description - CTC810

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8246AH TOSHIBA-TA8246AH Datasheet
355Kb / 10P
DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8256BH TOSHIBA-TA8256BH Datasheet
358Kb / 10P
AUDIO POWER AMPLIFIER 6W x 3CH
TA8256H TOSHIBA-TA8256H Datasheet
379Kb / 10P
AUDIO POWER AMPLIFIER 6W x 3CH
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
6W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com