Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC810 Datasheet(PDF) 2 Page - Wuxi Youda electronics Co.,LTD

Part # CTC810
Description  6W AUDIO POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

CTC810 Datasheet(HTML) 2 Page - Wuxi Youda electronics Co.,LTD

  CTC810 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
YOUDA INTEGRATED CIRCUIT
CTC810
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
20
V
non-repetitive
3.5
Output Peak Current
repetitive
Io
2.5
A
θc-a=10 ℃/W
5
Power Dissipation
No Heat Sink
PD
1.7
W
Ambient operating temperature
Topr
-20~+75
℃
Storage Temperature
Tstg
-40~+150
℃
ELECTRICAL CHARACTERISTICS
(Tamb=25℃, Vcc=14.4V, RL=4Ω, f=1kHz, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vcc
4
16
V
Quiescent Output Voltage
Vo
RL=∞
6.4
7.2
8
V
Quiescent Drain Current
Iccq
RL=∞
12
20
mA
Vcc=14.4V
4.6
6
Vcc=9V
2.5
Output Power
Po
THD=10%
Vcc=6V
1
W
Input Saturation Voltage
Vi
220
mV
Rf=56Ω
80
Input Sensitivity
Vi
Po=6W
f=1kHz
Rf=22Ω
35
mV
Input Resistance
Ri
5
MΩ
C1=820pF
40
20000
Frequency Response
(-3dB)
WB
C1=1500pF
40
10000
Hz
WuXi YouDa Electronics Co., Ltd
2 of 4
Website: www.e-youda.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com