Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC810 Datasheet(PDF) 3 Page - Wuxi Youda electronics Co.,LTD

Part # CTC810
Description  6W AUDIO POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

CTC810 Datasheet(HTML) 3 Page - Wuxi Youda electronics Co.,LTD

  CTC810 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD CTC810 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
YOUDA INTEGRATED CIRCUIT
CTC810
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Harmonic Distortion
THD
Po=50mW to 3W
0.3
%
Open Loop Voltage Gain
Gv
80
dB
Closed Loop Voltage Gain
Gv
34
37
40
dB
Input Noise Voltage
eN
2
μV
Input Noise Current
iN
Rg=0
BPF=20 Hz to 20kHz
0.1
nA
Efficiency
η
Po=5W
70
%
Supply Voltage Rejection
SVR
fr=100Hz
48
dB
Thermal Shut-down Case
Temperature
PD=2.8W
120
℃
APPLICATION CIRCUIT
1
8
6
910
7
5
12
4
100k
INPUT
100μ
0.1μ
+
100μ
Vcc
100Ω
+
500μ
+
100μ
5600p
+
1000μ
C1
1500p
Rf
56Ω
0.1μ
1Ω
TAB
+
_
WuXi YouDa Electronics Co., Ltd
3 of 4
Website: www.e-youda.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com