Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMEG2005EB
Description  Low VF MEGA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005EB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMEG2005EB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Nexperia
PMEG2005EB
Low VF MEGA Schottky barrier diode
0
VR (V)
Cd
(pF)
5
10
20
50
0
40
15
30
20
10
mhc458
f = 1 MHz; Tamb = 25 °C
Fig. 3. Diode capacitance as a function of reverse voltage; typical values
11. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD523
SC-79
02-12-13
06-03-16
Plastic surface-mounted package; 2 leads
SOD523
0
0.5
1 mm
scale
D
1
2
HE
E
bp
A
c
v M A
A
UNIT
bp
c
D
E
v
mm
A
HE
DIMENSIONS (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
(1)
0.34
0.26
0.17
0.11
0.1
0.85
0.75
1.25
1.15
0.65
0.58
1.65
1.55
Fig. 4. Package outline SC-79 (SOD523)
PMEG2005EB
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
27 September 2019
4 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com