Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMEG2005EB
Description  Low VF MEGA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005EB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMEG2005EB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PMEG2005EB
Low VF MEGA Schottky barrier diode
27 September 2019
Product data sheet
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier diode, encapsulated in a
SOD523 (SC-79) ultra small SMD plastic package.
2. Features and benefits
• Forward current: 0.5 A
• Reverse voltage: 20 V
• Very low forward voltage
• Guard ring protected
• Ultra small SMD package.
• AEC-Q101 qualified
3. Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Low current rectification
• Low power consumption applications (e.g. handheld devices).
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
-
20
V
VF
forward voltage
IF = 500 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tamb = 25 °C
-
430
480
mV
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
2
1
SC-79 (SOD523)
sym001
K
A
[1] The marking bar indicates the cathode.


Similar Part No. - PMEG2005EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EB PHILIPS-PMEG2005EB Datasheet
55Kb / 8P
Low VF MEGA Schottky barrier diode
2003 Apr 04
PMEG2005EB PHILIPS-PMEG2005EB Datasheet
57Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2005EB NXP-PMEG2005EB Datasheet
104Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Apr 04
logo
Nexperia B.V. All right...
PMEG2005EB-Q NEXPERIA-PMEG2005EB-Q Datasheet
175Kb / 8P
20 V, 500 mA low VF Schottky barrier diode
2 October 2024
logo
NXP Semiconductors
PMEG2005EB PHILIPS-PMEG2005EB_15 Datasheet
104Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Apr 04
More results

Similar Description - PMEG2005EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EA NXP-PMEG2010EA Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2015EA NXP-PMEG2015EA Datasheet
110Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG2015EV NXP-PMEG2015EV Datasheet
112Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Jun 03
PMEG3002AEB NXP-PMEG3002AEB Datasheet
102Kb / 7P
Low VF MEGA Schottky barrier diode
2002 May 06
PMEG6010AED NXP-PMEG6010AED Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2003 Jun 27
PMEG2010EA PHILIPS-PMEG2010EA_15 Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2010EV PHILIPS-PMEG2010EV_15 Datasheet
106Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Aug 20
PMEG3002AEB PHILIPS-PMEG3002AEB_15 Datasheet
102Kb / 7P
Low VF MEGA Schottky barrier diode
2002 May 06
logo
Nexperia B.V. All right...
PMEG3002AEB NEXPERIA-PMEG3002AEB Datasheet
263Kb / 8P
Low VF MEGA Schottky barrier diode
2002 May 06
PMEG2010EA NEXPERIA-PMEG2010EA Datasheet
271Kb / 8P
Low VF (MEGA) Schottky barrier diode
2004 Feb 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com