Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMEG2005EB
Description  Low VF MEGA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005EB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMEG2005EB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005EB Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
PMEG2005EB
Low VF MEGA Schottky barrier diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PMEG2005EB
SC-79
plastic, surface-mounted package; 2 leads; 1.2 mm x 0.8 mm x
0.6 mm body
SOD523
7. Marking
Table 4. Marking codes
Type number
Marking code
PMEG2005EB
L5
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
20
V
IF
forward current
-
500
mA
IFRM
repetitive peak forward
current
tp = 1 ms; δ ≤ 0.25
-
3.5
A
IFSM
non-repetitive peak
forward current
tp = 8 ms; square wave; Tj(init) = 25 °C
-
6
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-65
125
°C
Tstg
storage temperature
-65
150
°C
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
400
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
PMEG2005EB
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
27 September 2019
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com